Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380L Datasheet (PDF) - Cornell Dubilier Electronics

380L Datasheet PDF - Cornell Dubilier Electronics
Part # 380L
Download  380L Download
File Size   464.41 Kbytes
Page   12 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description High-Capacitance Snap-In

380L Datasheet (PDF)

Go To PDF Page Download Datasheet
380L Datasheet PDF - Cornell Dubilier Electronics

Part # 380L
Download  380L Click to download

File Size   464.41 Kbytes
Page   12 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description High-Capacitance Snap-In

380L Datasheet (HTML) - Cornell Dubilier Electronics


380L Product details

The excellent value of Type 380L/LX capacitors finds application in switching power supply input and output circuits and even motor drives where the high surface area of multiple units in parallel approaches the ripple capability of our Type 520C computer-grade capacitor. Type 380LX delivers more capacitance per can size while Type 380L available in the largest case sizes gives lower ESR for the same capacitance. Types 382L and 382LX give the choice of 4 or 5 leads for stable, reverse proof mounting.

Highlights
• Latest available ratings, worldwide
• Top performance in power supplies and motor drives
• Big selection of 46 case sizes
• 2, 4 and 5 leads available




Similar Part No. - 380L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380L102M315A062 CDE-380L102M315A062 Datasheet
1Mb / 12P
2, 4 and 5 pin styles available
380L102M400A082 CDE-380L102M400A082 Datasheet
1Mb / 12P
2, 4 and 5 pin styles available
380L122M315A072 CDE-380L122M315A072 Datasheet
1Mb / 12P
2, 4 and 5 pin styles available
380L123M080A072 CDE-380L123M080A072 Datasheet
575Kb / 12P
Latest available ratings, worldwide
380L123M080A072 CDE-380L123M080A072 Datasheet
1Mb / 12P
2, 4 and 5 pin styles available
More results


Similar Description - 380L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
85 ?C Compact, High-Capacitance Snap-in
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ Datasheet
411Kb / 6P
Compact, High-Capacitance Snap-in
381L CDE-381L Datasheet
409Kb / 10P
High-Ripple Snap-In
381LQ CDE-381LQ Datasheet
439Kb / 7P
Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
List of Unclassifed Man...
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
HIGH PERFORMANCE SNAP-IN FILTERS
logo
Illinois Capacitor, Inc...
566LMB400M2AC ILLINOISCAPACITOR-566LMB400M2AC Datasheet
131Kb / 1P
SNAP-IN / SNAP MOUNT
566LMX450M2BD ILLINOISCAPACITOR-566LMX450M2BD Datasheet
132Kb / 1P
SNAP-IN / SNAP MOUNT
686LMB350M2AC ILLINOISCAPACITOR-686LMB350M2AC Datasheet
131Kb / 1P
SNAP-IN / SNAP MOUNT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com