Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD1HNC60 Datasheet (PDF) - STMicroelectronics

STD1HNC60 Datasheet PDF - STMicroelectronics
Part # STD1HNC60
Download  STD1HNC60 Download
File Size   268.84 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh™ I MOSFET

STD1HNC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD1HNC60 Datasheet PDF - STMicroelectronics

Part # STD1HNC60
Download  STD1HNC60 Click to download

File Size   268.84 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh™ I MOSFET

STD1HNC60 Datasheet (HTML) - STMicroelectronics


STD1HNC60 Product details

DESCRIPTION
The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness.

■ TYPICAL RDS(on) = 4 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVER




Similar Part No. - STD1HNC60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD1HNC60 VBSEMI-STD1HNC60 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
STD1HNC60T4 VBSEMI-STD1HNC60T4 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Similar Description - STD1HNC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH™ I MOSFET
Feb-2001
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
Nov-1999
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh™ I MOSFET
Dec-2000
STD2NB25 STMICROELECTRONICS-STD2NB25 Datasheet
274Kb / 9P
N - CHANNEL 250V - 1.7ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Oct-1998
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD2NC60 STMICROELECTRONICS-STD2NC60 Datasheet
283Kb / 9P
N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh™ II MOSFET
Jan-2001
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh™ I MOSFET
Aug-2002
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET
Jun-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com