Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD1NB50 Datasheet (PDF) - STMicroelectronics

STD1NB50 Datasheet PDF - STMicroelectronics
Part # STD1NB50
Download  STD1NB50 Download
File Size   87.52 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET

STD1NB50 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD1NB50 Datasheet PDF - STMicroelectronics

Part # STD1NB50
Download  STD1NB50 Click to download

File Size   87.52 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET

STD1NB50 Datasheet (HTML) - STMicroelectronics


STD1NB50 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 7.5 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
■ FOR SMD DPAK VERSION CONTACT SALES OFFICE

APPLICATIONS
■ SWITCH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE




Similar Part No. - STD1NB50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD1NB50 VBSEMI-STD1NB50 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Similar Description - STD1NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
Sep-1998
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh™ I MOSFET
Dec-2000
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD2NC50 STMICROELECTRONICS-STD2NC50 Datasheet
442Kb / 10P
N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh™ II MOSFET
May-2001
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
May-1998
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET
Jun-2001
STP2NC70Z STMICROELECTRONICS-STP2NC70Z Datasheet
634Kb / 13P
N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH™ II MOSFET
Feb-2002
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
N-CHANNEL 500V - 1.3Ω- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com