Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD1NB80-1 Datasheet (PDF) - STMicroelectronics

STD1NB80-1 Datasheet PDF - STMicroelectronics
Part # STD1NB80-1
Download  STD1NB80-1 Download
File Size   56.38 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET

STD1NB80-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD1NB80-1 Datasheet PDF - STMicroelectronics

Part # STD1NB80-1
Download  STD1NB80-1 Click to download

File Size   56.38 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET

STD1NB80-1 Datasheet (HTML) - STMicroelectronics


STD1NB80-1 Product details

DESCRIPTION

Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.




TYPICAL RDS(on) = 16 Ω

EXTREMELY HIGH dv/dt CAPABILITY

100% AVALANCHE TESTED

VERY LOW INTRINSIC CAPACITANCES

GATE CHARGE MINIMIZED



APPLICATIONS

SWITCH MODE POWER SUPPLIES (SMPS)

AC ADAPTORS AND BATTERY CHARGERS

FOR HANDHELD EQUIPMENT




Similar Part No. - STD1NB80-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB80-1 STMICROELECTRONICS-STD1NB80-1 Datasheet
56Kb / 5P
N - CHANNEL 800V - 16W - 1A - IPAK PowerMESH MOSFET
September 1998
More results


Similar Description - STD1NB80-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH™ I MOSFET
Feb-2001
STD1NB50 STMICROELECTRONICS-STD1NB50 Datasheet
87Kb / 8P
N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
Mar-2000
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
Nov-1999
STD1NB80-1 STMICROELECTRONICS-STD1NB80-1 Datasheet
56Kb / 5P
N - CHANNEL 800V - 16W - 1A - IPAK PowerMESH MOSFET
September 1998
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
STD1NC40-1 STMICROELECTRONICS-STD1NC40-1 Datasheet
51Kb / 5P
N - CHANNEL 400V- 8ohm - 1A - IPAK PowerMESH II MOSFET
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD2NB80 STMICROELECTRONICS-STD2NB80 Datasheet
92Kb / 9P
N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET
Jan-1999
logo
Unisonic Technologies
1N80 UTC-1N80_11 Datasheet
182Kb / 6P
1A, 800V N-CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC731N80D E-CMOS-EC731N80D Datasheet
243Kb / 5P
800V, 1A N-Channel MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com