Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1210 Datasheet (PDF) - Analog Devices

AD2S1210 Datasheet PDF - Analog Devices
Part # AD2S1210
Download  AD2S1210 Download
File Size   513.74 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator

AD2S1210 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2S1210 Datasheet PDF - Analog Devices

Part # AD2S1210
Download  AD2S1210 Click to download

File Size   513.74 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator

AD2S1210 Datasheet (HTML) - Analog Devices


AD2S1210 Product details

GENERAL DESCRIPTION

The AD2S1210 is a complete 10-bit to 16-bit resolution tracking resolver-to-digital converter, integrating an on-board programmable sinusoidal oscillator that provides sine wave excitation for resolvers.

The converter accepts 3.15 V p-p ± 27% input signals, in the range of 2 kHz to 20 kHz on the sine and cosine inputs. A Type II servo loop is employed to track the inputs and convert the input sine and cosine information into a digital representation of the input angle and velocity. The maximum tracking rate is 3125 rps.



FEATURES

Complete monolithic resolver-to-digital converter

3125 rps maximum tracking rate (10-bit resolution)

±2.5 arc minutes of accuracy

10-/12-/14-/16-bit resolution, set by user

Parallel and serial 10-bit to 16-bit data ports

Absolute position and velocity outputs

System fault detection

Programmable fault detection thresholds

Differential inputs

Incremental encoder emulation

Programmable sinusoidal oscillator on-board

Compatible with DSP and SPI interface standards

5 V supply with 2.3 V to 5 V logic interface

−40°C to +125°C temperature rating



APPLICATIONS

DC and ac servo motor control

Encoder emulation

Electric power steering

Electric vehicles

Integrated starter generators/alternators

Automotive motion sensing and control




Similar Part No. - AD2S1210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
Variable Resolution, 10-Bit to 16-Bit R/D Converter
23-Feb-2017
AD2S1210-EP AD-AD2S1210-EP Datasheet
345Kb / 16P
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210ASTZ AD-AD2S1210ASTZ Datasheet
544Kb / 37P
Variable Resolution, 10-Bit to 16-Bit R/D Converter
23-Feb-2017
AD2S1210BSTZ AD-AD2S1210BSTZ Datasheet
544Kb / 37P
Variable Resolution, 10-Bit to 16-Bit R/D Converter
23-Feb-2017
AD2S1210CSTZ AD-AD2S1210CSTZ Datasheet
544Kb / 37P
Variable Resolution, 10-Bit to 16-Bit R/D Converter
23-Feb-2017
More results


Similar Description - AD2S1210

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
16-Bit Resolution With Microprocessor Interface A/D CONVERTER
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
12-Bit R/D Converter with Reference Oscillator
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
12-Bit R/D Converter with Reference Oscillator
REV. 0
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
12-Bit R/D Converter with Reference Oscillator
REV. 0
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
Complete, High Resolution 16-Bit A/D Converter
REV. C
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
Variable Resolution, 10-Bit to 16-Bit R/D Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com