Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1200 Datasheet (PDF) - Analog Devices

AD2S1200 Datasheet PDF - Analog Devices
Part # AD2S1200
Download  AD2S1200 Download
File Size   396.45 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit R/D Converter with Reference Oscillator

AD2S1200 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2S1200 Datasheet PDF - Analog Devices

Part # AD2S1200
Download  AD2S1200 Click to download

File Size   396.45 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit R/D Converter with Reference Oscillator

AD2S1200 Datasheet (HTML) - Analog Devices


AD2S1200 Product details

GENERAL DESCRIPTION
The AD2S1200 is a complete 12-bit resolution tracking resolverto-digital converter, integrating an on-board programmable sinusoidal oscillator that provides sine wave excitation for resolvers. An external 8.192 MHz crystal is required to provide a precision time reference. This clock is internally divided to generate a 4.096 MHz clock to drive all the peripherals.

FEATURES
   Complete monolithic R/D converter
   Parallel and serial 12-bit data ports
   System fault detection
   Absolute position and velocity outputs
   Differential inputs
   ±11 arc minutes of accuracy
   1,000 rps maximum tracking rate, 12-bit resolution
   Incremental encoder emulation (1,024 pulses/rev)
   Programmable sinusoidal oscillator on-board
   Compatible with DSP and SPI® interface standards
   204.8 kHz square wave output
   Single-supply operation (5.00 V ± 5%)
   −40°C to +125°C temperature rating
   44-lead LQFP package
   4 kV ESD protection




Similar Part No. - AD2S1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
AD2S1200WST AD-AD2S1200WST Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
AD2S1200YST AD-AD2S1200YST Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
More results


Similar Description - AD2S1200

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
12-Bit R/D Converter with Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
12-Bit RDC with Reference Oscillator
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com