Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5750 Datasheet (PDF) - Analog Devices

AD5750 Datasheet PDF - Analog Devices
Part # AD5750
Download  AD5750 Download
File Size   256.53 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Industrial Current/Voltage Output Driver, Programmable Ranges

AD5750 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5750 Datasheet PDF - Analog Devices

Part # AD5750
Download  AD5750 Click to download

File Size   256.53 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Industrial Current/Voltage Output Driver, Programmable Ranges

AD5750 Datasheet (HTML) - Analog Devices


AD5750 Product details

GENERAL DESCRIPTION
The AD5750/AD5750-1/AD5750-2 are single-channel, low cost, precision voltage/current output drivers with hardware- or software-programmable output ranges. The software ranges are configured via an SPI-/MICROWIRE™-compatible serial interface.

FEATURES
   Current output ranges: 4 mA to 20 mA, 0 mA to 20 mA, 0 mA
      to 24 mA, ±20 mA, and ±24 mA
      ±0.03% full-scale range (FSR) total unadjusted error (TUE)
      ±5 ppm/°C typical output drift
   Voltage output ranges: 0 V to 5 V, 0 V to 10 V, ±5 V, and ±10 V
      with 20% overrange
      ±0.02% FSR TUE
      ±3 ppm/°C typical output drift
   Flexible serial digital interface
   On-chip output fault detection
   Packet error checking (PEC)
   Asynchronous CLEAR function
   Flexible power-up condition to 0 V or tristate
   Power supply range
      AVDD: +12 V (± 10%) to +24 V (± 10%)
      AVSS: −12 V (± 10%) to −24 V (± 10%)
   Output loop compliance to AVDD − 2.75 V
   Temperature range: −40°C to +105°C
   32-lead, 5 mm × 5 mm LFCSP package
 
APPLICATIONS
   Process controls
   Actuator controls
   PLCs




Similar Part No. - AD5750

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
713Kb / 36P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5750 AD-AD5750 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
AD5750-1 AD-AD5750-1 Datasheet
713Kb / 36P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5750-1 AD-AD5750-1 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ AD-AD5750-1ACPZ Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
More results


Similar Description - AD5750

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5751 AD-AD5751 Datasheet
269Kb / 22P
Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5749 AD-AD5749 Datasheet
393Kb / 28P
Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
Industrial Current/Voltage Output Driver
9/14-Rev. A to Rev. B
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
1/2018-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com