Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5749 Datasheet (PDF) - Analog Devices

AD5749 Datasheet PDF - Analog Devices
Part # AD5749
Download  AD5749 Download
File Size   393.16 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges

AD5749 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5749 Datasheet PDF - Analog Devices

Part # AD5749
Download  AD5749 Click to download

File Size   393.16 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges

AD5749 Datasheet (HTML) - Analog Devices


AD5749 Product details

GENERAL DESCRIPTION
The AD5749 is a single channel, low cost, precision, current output driver with hardware or software programmable output ranges. The software ranges are configured via an SPI-/MICROWIRE™-compatible serial interface. The AD5749 targets applications in PLC and industrial process control. The analog input to the AD5749 is provided from a low voltage, single-supply digital-toanalog converter (DAC) and is internally conditioned to provide the desired output current/voltage range.

FEATURES
   Current output ranges: 0 mA to 24 mA or 4 mA to 20 mA
      ±0.03% FSR typical total unadjusted error (TUE)
      ±5 ppm/°C typical output drift
      2% overrange
   Flexible serial digital interface
   On-chip output fault detection
   PEC error checking
   Asynchronous CLEAR function
   Power supply range
      AVDD: 12 V (± 10%) to 55 V (maximum)
   Output loop compliance to AVDD − 2.75 V
   Temperature range: −40°C to +105°C
   32-lead, 5 mm × 5 mm LFCSP package
  
APPLICATIONS
   Process control
   Actuator control
   PLCs




Similar Part No. - AD5749

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5749 AD-AD5749 Datasheet
548Kb / 28P
Industrial Current Out Driver, Single-Supply
1/2018-Rev. C to Rev. D
AD5749ACPZ AD-AD5749ACPZ Datasheet
548Kb / 28P
Industrial Current Out Driver, Single-Supply
1/2018-Rev. C to Rev. D
AD5749ACPZ-RL7 AD-AD5749ACPZ-RL7 Datasheet
548Kb / 28P
Industrial Current Out Driver, Single-Supply
1/2018-Rev. C to Rev. D
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
Industrial Current Out Driver, Single-Supply
1/2018-Rev. C to Rev. D
More results


Similar Description - AD5749

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6210 LINER-LT6210 Datasheet
457Kb / 16P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5751 AD-AD5751 Datasheet
269Kb / 22P
Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
Guaranteed Lower Max Supply Current for All Temperature Ranges
January 23, 2013
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
logo
Analog Devices
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
Industrial Current Out Driver, Single-Supply
1/2018-Rev. C to Rev. D
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
1/2018-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com