Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5749 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 4 Page - Analog Devices

  AD5749 Datasheet HTML 1Page - Analog Devices AD5749 Datasheet HTML 2Page - Analog Devices AD5749 Datasheet HTML 3Page - Analog Devices AD5749 Datasheet HTML 4Page - Analog Devices AD5749 Datasheet HTML 5Page - Analog Devices AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5749
Rev. 0 | Page 4 of 28
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS2
Current Loop Compliance
Voltage
0
AVDD − 2.75
V
Resistive Load
Chosen such that compliance is not exceeded
Inductive Load
See the Test Conditions/
Comments column
H
Needs appropriate capacitor at higher inductance
values; see the Driving Inductive Loads section
Settling Time
4 mA to 20 mA, Full-Scale
Step
8.5
μs
250 Ω load
120 μA Step, 4 mA to
20 mA Range
1.2
μs
250 Ω load
DC PSRR
1
μA/V
Output Impedance
130
MΩ
DIGITAL INPUTS2
JEDEC compliant
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Current
−1
+1
μA
Per pin
Pin Capacitance
5
pF
Per pin
DIGITAL OUTPUTS2
FAULT, IFAULT, TEMP, VFAULT
VOL, Output Low Voltage
0.4
V
10 kΩ pull-up resistor to DVCC
0.6
V
At 2.5 mA
VOH, Output High Voltage
3.6
V
10 kΩ pull-up resistor to DVCC
SDO
VOL, Output Low Voltage
0.5
0.5
V
Sinking 200 μA
VOH, Output High Voltage
DVCC − 0.5
DVCC − 0.5
V
Sourcing 200 μA
High Impedance Output
Capacitance
3
pF
High Impedance Leakage
Current
−1
+1
μA
POWER REQUIREMENTS
AVDD
10.8
55
V
DVCC
Input Voltage
2.7
5.5
V
AIDD
4.4
5.6
mA
Output unloaded, output disabled;
R3, R2, R1, R0 = 0000, RSET = 0
5.2
6.2
mA
Output enabled
DICC
0.3
1
mA
VIH = DVCC, VIL = GND
Power Dissipation
108
mW
AVDD = 24 V, output unloaded
1 Temperature range: −40°C to +105°C; typical at +25°C.
2 Guaranteed by design and characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com