Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5749 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5749 Datasheet HTML 9Page - Analog Devices AD5749 Datasheet HTML 10Page - Analog Devices AD5749 Datasheet HTML 11Page - Analog Devices AD5749 Datasheet HTML 12Page - Analog Devices AD5749 Datasheet HTML 13Page - Analog Devices AD5749 Datasheet HTML 14Page - Analog Devices AD5749 Datasheet HTML 15Page - Analog Devices AD5749 Datasheet HTML 16Page - Analog Devices AD5749 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5749
Rev. 0 | Page 13 of 28
0.06
0.08
0.10
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
Figure 23. Gain Error vs. Temperature, External RSET Sense Resistor
0.06
0.08
0.10
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET
0mA TO 24mA INTERNAL RSET
Figure 24. Gain Error vs. Temperature, Internal RSET Sense Resistor
2.00
2.05
2.10
1.95
1.90
1.85
1.80
1.75
1.70
1.65
–40
25
105
TEMPERATURE (°C)
AVDD COMPLIANCE VOLTAGE
Figure 25. Output Compliance vs. Temperature
Tested When IOUT = 10.8 mA, 0 mA to 24 mA Range Selected
12
10
8
6
4
2
0
–2
0.000010
–0.000010
–0.000008
–0.000006
–0.000004
–0.000002
0
0.000002
0.000004
0.000006
0.000008
10
–10
–8
–6
–4
–2
0
2
4
6
8
TIME (ms)
IOUT
VDD
Figure 26. Output Current vs. Time on VDD Power-Up
0
–18
–16
–14
–12
–10
–8
–6
–4
–2
8
–2
–1
01
234
567
TIME (µs)
Figure 27. Output Current vs. Time on Output Enable, 0 mA to 24 mA Range
0.025
0.020
0.015
0.010
0.005
0
68
61
54
48
41
34
28
21
14
8
1
–12
–6
TIME (µs)
Figure 28. 4 mA to 20 mA Output Current Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com