Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5749 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5749 Datasheet HTML 15Page - Analog Devices AD5749 Datasheet HTML 16Page - Analog Devices AD5749 Datasheet HTML 17Page - Analog Devices AD5749 Datasheet HTML 18Page - Analog Devices AD5749 Datasheet HTML 19Page - Analog Devices AD5749 Datasheet HTML 20Page - Analog Devices AD5749 Datasheet HTML 21Page - Analog Devices AD5749 Datasheet HTML 22Page - Analog Devices AD5749 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD5749
Rev. 0 | Page 19 of 28
Table 7. Input Shift Register Contents for a Write Operation—Control Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
R/W
0
R3
R2
R1
R0
CLRSEL
OUTEN
CLEAR
RSET
RESET
0
0
Table 8. Input Shift Register Descriptions for Control Register
Bit
Description
A2, A1, A0
Used in association with the AD2, AD1, and AD0 external pins to determine which part is being addressed by the system
controller.
A2
A1
A0
Function
0
0
0
Addresses part with Pin AD2 = 0, Pin AD1 = 0, Pin AD0 = 0.
0
0
1
Addresses part with Pin AD2 = 0, Pin AD1 = 0, Pin AD0 = 1.
0
1
0
Addresses part with Pin AD2 = 0, Pin AD1 = 1, Pin AD0 = 0.
0
1
1
Addresses part with Pin AD2 = 0, Pin AD1 = 1, Pin AD0 = 1.
1
0
0
Addresses part with Pin AD2 = 1, Pin AD1 = 0, Pin AD0 = 0.
1
0
1
Addresses part with Pin AD2 = 1, Pin AD1 = 0, Pin AD0 = 1.
1
1
0
Addresses part with Pin AD2 = 1, Pin AD1 = 1, Pin AD0 = 0.
1
1
1
Addresses part with Pin AD2 = 1, Pin AD1 = 1, Pin AD0 = 1.
R/W
Indicates a read from or a write to the addressed register.
R3, R2, R1, R0
Selects the output configuration in conjunction with RSET.
RSET
R3
R2
R1
R0
Output Configuration
0
0
0
0
0
4 mA to 20 mA (external 15 kΩ current sense resistor).
0
0
0
0
1
Unused command. Do not program.
0
0
0
1
0
0 mA to 24 mA (external 15 kΩ current sense resistor).
0
0
0
1
1
Unused command. Do not program.
0
0
1
0
0
Unused command. Do not program.
0
0
1
0
1
Unused command. Do not program.
0
0
1
1
0
Unused command. Do not program.
0
0
1
1
1
Unused command. Do not program.
0
1
0
0
0
Unused command. Do not program.
0
1
0
0
1
Unused command. Do not program.
0
1
0
1
0
Unused command. Do not program.
0
1
0
1
1
Unused command. Do not program.
0
1
1
0
0
Unused command. Do not program.
0
1
1
0
1
Unused command. Do not program.
0
1
1
1
0
Unused command. Do not program.
0
1
1
1
1
Unused command. Do not program.
1
0
0
0
0
4 mA to 20 mA (internal current sense resistor).
1
0
0
0
1
Unused command. Do not program.
1
0
0
1
0
0 mA to 24 mA (internal current sense resistor).
1
0
0
1
1
Unused command. Do not program.
1
0
1
0
0
Unused command. Do not program.
1
0
1
0
1
Unused command. Do not program.
1
0
1
1
0
Unused command. Do not program.
1
0
1
1
1
Unused command. Do not program.
1
1
0
0
0
Unused command. Do not program.
1
1
0
0
1
Unused command. Do not program.
1
1
0
1
0
Unused command. Do not program.
1
1
0
1
1
Unused command. Do not program.
1
1
1
0
0
Unused command. Do not program.
1
1
1
0
1
3.92 mA to 20.4 mA (internal current sense resistor).
1
1
1
1
0
Unused command. Do not program.
1
1
1
1
1
0 mA to 24.5 mA (internal current sense resistor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com