Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5749 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5749 Datasheet HTML 17Page - Analog Devices AD5749 Datasheet HTML 18Page - Analog Devices AD5749 Datasheet HTML 19Page - Analog Devices AD5749 Datasheet HTML 20Page - Analog Devices AD5749 Datasheet HTML 21Page - Analog Devices AD5749 Datasheet HTML 22Page - Analog Devices AD5749 Datasheet HTML 23Page - Analog Devices AD5749 Datasheet HTML 24Page - Analog Devices AD5749 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5749
Rev. 0 | Page 21 of 28
Readback Operation
Readback mode is activated by selecting the correct device address
(A2, A1, A0) and then setting the R/W bit to 1. By default, the
SDO pin is disabled. After having addressed the AD5749 for a
read operation, setting R/W to 1 enables the SDO pin and SDO
data is clocked out on the 5th rising edge of SCLK. After the data
has been clocked out on SDO, a rising edge on SYNC disables
(tristate) the SDO pin again. Status register data (see
)
and control register data are both available during the same
read cycle.
Table 9
The status bits comprise four read-only bits. They are used to
notify the user of specific fault conditions that occur, such as
an open circuit on the output, overtemperature error or an
interface error. If any of these fault conditions occur, a hardware
FAULT is also asserted low, which can be used as a hardware
interrupt to the controller.
See the Detailed Description of Features section for a full
explanation of fault conditions.
HARDWARE CONTROL
Hardware control is enabled by connecting the HW SELECT
pin to DVCC. In this mode, the R3, R2, R1, and R0 pins, in
conjunction with the RSET pin, are used to configure the
output range, as per Table 8.
In hardware mode, there is no status register. The fault conditions
(open circuit, and overtemperature) are available on Pin IFAULT
and Pin TEMP. If any one of these fault conditions is set, a low is
asserted on the specific fault pin. IFAULT and TEMP are open-
drain outputs and, therefore, can be connected together to allow the
user to generate one interrupt to the system controller to commun-
icate a fault. If hardwired in this way, it is not possible to isolate
which fault occurred in the system.
TRANSFER FUNCTION
The AD5749 consists of an internal signal conditioning block
that maps the analog input voltage to a programmed output
range. The available analog input range is 0 V to 4.096 V.
For all ranges, the AD5749 implements a straight linear
mapping function, where 0 V maps to the lower end of the
selected range and 4.096 V maps to the upper end of the
selected range.
Table 9. Input Shift Register Contents for a Read Operation—Status Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
1
0
R3
R2
R1
R0
CLRSEL
OUTEN
RSET
PEC Error
OVER TEMP
IOUT Fault
Unused
Table 10. Status Bit Options
Bit
Description
PEC Error
This bit is set if there is an interface error detected by CRC-8 error checking. See the Detailed Description of Features section.
OVER TEMP
This bit is set if the AD5749 core temperature exceeds approximately 150°C.
IOUT Fault
This bit is set if there is an open circuit on the IOUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com