Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8158 Datasheet (PDF) - Analog Devices

AD8158 Datasheet PDF - Analog Devices
Part # AD8158
Download  AD8158 Download
File Size   707.92 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5 Gbps Quad Buffer Mux/Demux

AD8158 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8158 Datasheet PDF - Analog Devices

Part # AD8158
Download  AD8158 Click to download

File Size   707.92 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5 Gbps Quad Buffer Mux/Demux

AD8158 Datasheet (HTML) - Analog Devices


AD8158 Product details

GENERAL DESCRIPTION

The AD8158 is an asynchronous, protocol-agnostic, quad-lane 2:1 switch with a total of 12 differential CML inputs and 12 differential CML outputs. The signal path supports NRZ signaling with data rates up to 6.5 Gbps per lane. Each lane offers programmable receive equalization, programmable output pre-emphasis, programmable output levels, and loss-of signal detection.



FEATURES

  Quad 2:1 mux/1:2 demux

  Optimized for dc to 6.5 Gbps NRZ data

  Per-lane P/N pair inversion for routing ease

  Programmable input equalization

     Compensates up to 40 inches of FR4

  Loss-of-signal detection

  Programmable output pre-emphasis up to 12 dB

  Programmable output levels with squelch and disable

  Accepts ac-coupled or dc-coupled differential CML inputs

  50 Ω on-chip termination

  1:2 demux supports unicast or bicast operation

  Port-level loopback

  Port or single lane switching

  1.8 V to 3.3 V flexible core supply

  User-settable I/O supply from VCC to 1.2 V

  Low power, typically 2.0 W in basic configuration

  100-lead LFCSP

  −40°C to +85°C operating temperature range



APPLICATIONS

  Low cost redundancy switch

  SONET OC48/SDH16 and lower data rates

  XAUI/GbE/FC/Infiniband over backplane

  OIF CEI 6.25 Gbps over backplane

  Serial data-level shift

  4-/8-/12-lane equalizers or redrivers



 




Similar Part No. - AD8158

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8158 AD-AD8158 Datasheet
688Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
Rev. B
AD8158-EVALZ AD-AD8158-EVALZ Datasheet
688Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
Rev. B
AD8158ACPZ AD-AD8158ACPZ Datasheet
688Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
Rev. B
AD8158 AD-AD8158_V01 Datasheet
688Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
Rev. B
More results


Similar Description - AD8158

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
logo
Analog Devices
AD8159 AD-AD8159 Datasheet
595Kb / 24P
3.2 Gbps Quad Buffer Mux/Demux
4/06-Rev. 0 to Rev. A
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
PI2DBS6212 PERICOM-PI2DBS6212 Datasheet
885Kb / 7P
6.5 Gbps SAS2, SATA3, XAUI 2 Differential Channel, 2:1 Mux/DeMux Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com