Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8159 Datasheet (PDF) - Analog Devices

AD8159 Datasheet PDF - Analog Devices
Part # AD8159
Download  AD8159 Download
File Size   595.37 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.2 Gbps Quad Buffer Mux/Demux

AD8159 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8159 Datasheet PDF - Analog Devices

Part # AD8159
Download  AD8159 Click to download

File Size   595.37 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.2 Gbps Quad Buffer Mux/Demux

AD8159 Datasheet (HTML) - Analog Devices


AD8159 Product details

GENERAL DESCRIPTION
The AD8159 is an asynchronous, protocol agnostic, quad-lane 2:1 switch with a total of 12 differential PECL/CML-compatible inputs and 12 differential CML outputs. The operation of this product is optimized for NRZ signaling with data rates up to 3.2 Gbps per lane. Each lane offers two levels of input equalization and four levels of output pre-emphasis.

FEATURES
    Port level 2:1 mux/1:2 demux
    Each port consists of 4 lanes
    Each lane runs from dc to 3.2 Gbps, independent of the other lanes
    Compensates over 40 inches of FR4 at 3.2 Gbps through two levels of input equalization, or four levels of output pre-emphasis
    Accepts ac- or dc-coupled differential CML inputs
    Low deterministic jitter, typically 20 ps p-p
    Low random jitter, typically 1 ps rms
    BER < 10-16
    On-chip termination
    Reversible inputs and outputs on one port
    Unicast or bicast on 1:2 demux function
    Port level loopback capability
    Single lane switching capability
    3.3 V core supply
    Flexible I/O supply down to 2.5 V
    Low power, typically 1 W in basic configuration
    100-pin TQFP_EP
    −40°C to +85°C operating temperature range

APPLICATIONS
    Low cost redundancy switch
    SONET OC48/SDH16 and lower data rates
    XAUI (10 Gigabit Ethernet) over backplane
    Gigabit Ethernet over backplane
    Fibre channel 1.06 Gbps and 2.125 Gbps over backplane
    Infiniband over backplane
    PCI-Express over backplane




Similar Part No. - AD8159

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
logo
List of Unclassifed Man...
AD815 ETC1-AD815 Datasheet
141Kb / 1P
SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD815 AD-AD815 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
AD815-EB AD-AD815-EB Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
More results


Similar Description - AD8159

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
logo
Analog Devices
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8158 AD-AD8158 Datasheet
707Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
REV. 0
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com