Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD815 Datasheet (PDF) - Analog Devices

AD815 Datasheet PDF - Analog Devices
Part # AD815
Download  AD815 Download
File Size   333.31 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Output Current Differential Driver

AD815 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD815 Datasheet PDF - Analog Devices

Part # AD815
Download  AD815 Click to download

File Size   333.31 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Output Current Differential Driver

AD815 Datasheet (HTML) - Analog Devices


AD815 Product details

NERAL DESCRIPTION
The AD815 consists of two high speed amplifiers capable of supplying a minimum of 500 mA. They are typically configured as a differential driver enabling an output signal of 40 V p-p on ±15 V supplies. This can be increased further with the use of a coupling transformer with a greater than 1:1 turns ratio. The low harmonic distortion of –66 dB @ 1 MHz into 200 Ω combined with the wide bandwidth and high current drive make the differential driver ideal for communication applications such as subscriber line interfaces for ADSL, HDSL and VDSL.

FEATURES
    Flexible Configuration
    Differential Input and Output Driver or Two Single-Ended Drivers
    Industrial Temperature Range
    High Output Power
        Thermally Enhanced SOIC
            400 mA Minimum Output Drive/Amp, RL = 10 Ω
    Low Distortion
        –66 dB @ 1 MHz THD, RL = 200 Ω, VOUT = 40 V p-p
        0.05% and 0.45 Differential Gain and Phase, RL = 25 Ω(6 Back-Terminated Video Loads)
    High Speed
        120 MHz Bandwidth (–3 dB)
        900 V/μs Differential Slew Rate
        70 ns Settling Time to 0.1%
    Thermal Shutdown

APPLICATIONS
    ADSL, HDSL, and VDSL Line Interface Driver
    Coil or Transformer Driver
    CRT Convergence and Astigmatism Adjustment
    Video Distribution Amp
    Twisted Pair Cable Driver




Similar Part No. - AD815

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD815 ETC1-AD815 Datasheet
141Kb / 1P
SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD815 AD-AD815 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8150-EVAL AD-AD8150-EVAL Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8150AST AD-AD8150AST Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
More results


Similar Description - AD815

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
Low Power, High Output Current Differential Amplifier
9/04-Data Sheet Changed from Rev. B to Rev. C
AD815 AD-AD815_05 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Analog Devices
AD8390A AD-AD8390A Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
High Output Current Differential Driver
REV. C
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
Wideband, Differential, High Output Current Line Driver with Shutdown
4/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com