Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD815 Datasheet(PDF) 9 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD815 Datasheet HTML 5Page - Analog Devices AD815 Datasheet HTML 6Page - Analog Devices AD815 Datasheet HTML 7Page - Analog Devices AD815 Datasheet HTML 8Page - Analog Devices AD815 Datasheet HTML 9Page - Analog Devices AD815 Datasheet HTML 10Page - Analog Devices AD815 Datasheet HTML 11Page - Analog Devices AD815 Datasheet HTML 12Page - Analog Devices AD815 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD815
REV. B
–9–
1/2 AD815
0.1 F
10 F
+15V
562
0.1 F
10 F
7
–15V
RL = 100
100
50
VIN
PULSE
GENERATOR
TR/TF = 250ps
8
Figure 31. Test Circuit, Gain = +1
100mV
20ns
SIDE B
SIDE A
G = +1
RF = 698
RL = 100
Figure 32. 500 mV Step Response, G = +1
1V
20ns
SIDE B
SIDE A
G = +1
RF = 562
RL = 100
Figure 33. 4 V Step Response, G = +1
2V
50ns
SIDE B
SIDE A
G = +1
RF = 562
RL = 100
Figure 34. 10 V Step Response, G = +1
1/2 AD815
8
0.1 F
10 F
+15V
0.1 F
10 F
7
–15V
RL = 100
100
50
VIN
PULSE
GENERATOR
TR/TF = 250ps
RS
RF
Figure 35. Test Circuit, Gain = 1 + RF /RS
5V
100ns
SIDE B
SIDE A
G = +5
RF = 562
RL = 100
RS = 140
Figure 36. 20 V Step Response, G = +5
1/2 AD815
8
0.1 F
10 F
+15V
0.1 F
10 F
7
–15V
RL = 100
100
55
VIN
PULSE
GENERATOR
TR/TF = 250ps
562
562
Figure 37. Test Circuit, Gain = –1
100mV
20ns
SIDE B
SIDE A
G = –1
RF = 562
RL = 100
Figure 38. 500 mV Step Response, G = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com