Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD815 Datasheet(PDF) 7 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD815 Datasheet HTML 3Page - Analog Devices AD815 Datasheet HTML 4Page - Analog Devices AD815 Datasheet HTML 5Page - Analog Devices AD815 Datasheet HTML 6Page - Analog Devices AD815 Datasheet HTML 7Page - Analog Devices AD815 Datasheet HTML 8Page - Analog Devices AD815 Datasheet HTML 9Page - Analog Devices AD815 Datasheet HTML 10Page - Analog Devices AD815 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD815
REV. B
–7–
OUTPUT STEP SIZE – V p-p
700
0
600
500
400
300
200
100
025
510
15
20
G = +2
G = +10
1400
0
1200
1000
800
600
400
200
Figure 19. Slew Rate vs. Output Step Size
JUNCTION TEMPERATURE – C
–85
–80
–60
–40
100
–20
020
40
60
80
–75
–70
–65
+PSRR
–PSRR
SIDE B
SIDE A
SIDE B
SIDE A
VS = 15V
Figure 20. PSRR vs. Temperature
JUNCTION TEMPERATURE – C
–40
100
–20
02040
6080
–74
–66
–73
–70
–69
–68
–67
–72
–71
–CMRR
+CMRR
Figure 21. CMRR vs. Temperature
JUNCTION TEMPERATURE – C
5
4
0
–40
100
–20
02040
6080
3
2
1
+TZ
SIDE A
SIDE B
SIDE A
SIDE B
–TZ
Figure 22. Open-Loop Transresistance vs. Temperature
JUNCTION TEMPERATURE – C
15
14
10
–40
100
–20
02040
6080
13
12
11
VS = 15V
| –VOUT |
+VOUT
+VOUT
| –VOUT |
RL = 150
RL = 25
Figure 23. Single-Ended Output Swing vs. Temperature
JUNCTION TEMPERATURE – C
27
26
22
25
24
23
–40
100
–20
020
40
6080
VS = 15V
RL = 50
–VOUT
+VOUT
Figure 24. Differential Output Swing vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com