Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD815 Datasheet(PDF) 8 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD815 Datasheet HTML 4Page - Analog Devices AD815 Datasheet HTML 5Page - Analog Devices AD815 Datasheet HTML 6Page - Analog Devices AD815 Datasheet HTML 7Page - Analog Devices AD815 Datasheet HTML 8Page - Analog Devices AD815 Datasheet HTML 9Page - Analog Devices AD815 Datasheet HTML 10Page - Analog Devices AD815 Datasheet HTML 11Page - Analog Devices AD815 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD815
REV. B
–8–
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
–0.04
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–0.02
–0.04
G = +2
RF = 1k
NTSC
123
456
789
10
11
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
GAIN
PHASE
0.005
0.000
–0.005
–0.010
–0.015
–0.020
–0.025
–0.030
0.010
123
456
789
10
11
6 BACK TERMINATED LOADS (25 )
2 BACK TERMINATED LOADS (75 )
G = +2
RF = 1k
NTSC
GAIN
PHASE
GAIN
PHASE
Figure 25. Differential Gain and Differential Phase
(per Amplifier)
FREQUENCY – MHz
0.03
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
1
10
100
300
SIDE B
SIDE A
G = +2
RF = 499
VS = 15V, 5V
VIN = 400mVrms
RL = 100
–110
Figure 26. Output-to-Output Crosstalk vs. Frequency
FREQUENCY – MHz
1
0
–1
–2
–3
–4
–5
–6
–7
–9
2
0.1
300
1
10
100
SIDE B
SIDE A
562
100
100
49.9
VOUT
VIN
VS = 15V
VIN = 0 dBm
Figure 27. –3 dB Bandwidth vs. Frequency, G = +1
FREQUENCY – MHz
0.1
0
0.1
300
1
10
100
15V
5V
499
100
100
49.9
VOUT
VIN
499
A
B
A
B
15V
5V
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
Figure 28. Bandwidth vs. Frequency, G = +2
FREQUENCY – MHz
0
0.1
300
1
10
100
499
100
100
VOUT
VIN
124
SIDE A
SIDE B
–1
–2
–3
–4
–5
–6
–7
1
VS = 15V
49.9
Figure 29. –3 dB Bandwidth vs. Frequency, G = +5
10
0%
100
90
1 s
5V
Figure 30. 40 V p-p Differential Sine Wave, RL = 50 Ω,
f = 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com