Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD815 Datasheet(PDF) 14 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD815 Datasheet HTML 8Page - Analog Devices AD815 Datasheet HTML 9Page - Analog Devices AD815 Datasheet HTML 10Page - Analog Devices AD815 Datasheet HTML 11Page - Analog Devices AD815 Datasheet HTML 12Page - Analog Devices AD815 Datasheet HTML 13Page - Analog Devices AD815 Datasheet HTML 14Page - Analog Devices AD815 Datasheet HTML 15Page - Analog Devices AD815 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD815
REV. B
–14–
6
4
5
8
10
7
–15V
RA
499
9
11
0.1 F
10 F
0.1 F
10 F
AMP1
AMP2
VIN
+15V
VCC
RF
499
~20pF
RB
499
RA
499
RB
499
VCC
250
(50 )
(OPTIONAL)
RI
499
50
50
(OPTIONAL)
100
1/2
AD815
1/2
AD815
Figure 53. Single-Ended-to-Differential Driver
If a resistor (RF) is connected from the output of Amp 2 to the
+ input of Amp 1, negative feedback is provided which closes
the loop. An input resistor (RI) will make the circuit look like a
conventional inverting op amp configuration with differential
outputs. The inverting input to this dual output op amp becomes
Pin 4, the positive input of Amp 1.
The gain of this circuit from input to either output will be
± R
F/
RI. Or the single-ended-to-differential gain will be 2
× R
F/RI.
The differential outputs can be applied to the primary of a
transformer. If each output can swing
±10 V, the effective swing
on the transformer primary is 40 V p-p. The optional capacitor
can be added to prevent any dc current in the transformer due
to dc offsets at the output of the AD815.
Figure 55. AD815 Evaluation Board Schematic
Figure 54. AD815 Video Distribution Amp Driving
12 Video Cables
Twelve Channel Video Distribution Amplifier
The high current of the AD815 enables it to drive up to twelve
standard 75
Ω reverse terminated video loads. Figure 54 is a
schematic of such an application.
The input video signal is terminated in 75
Ω and applied to the
noninverting inputs of both amplifiers of the AD815. Each
amplifier is configured for a gain of two to compensate for the
divide-by-two feature of each cable termination. Six separate
75
Ω resistors for each amplifier output are used for the cable
back termination. In this manner, all cables are relatively
independent of each other and small disturbances on any cable
will not have an effect on the other cables.
When driving six video cables in this fashion, the load seen by
each amplifier output is resistive and is equal to 150
Ω/6 or
25
Ω. The differential gain is 0.05% and the differential phase
is 0.45
°.
4
5
1/2
AD815
C2
0.1 F
C3
10 F
TP2
+15V
R10
R21
R18
R12
R9
J3
J6
R13
C10
0.1 F
C11
10 F
TP1
–15V
U1
R11
C13
R16
R15
U1
R6
R17
TP4 TP3
+15V
–15V
B2
B1
B3
C9
JP1
R20
J4
1
2
3
T1
J5
C1
R3
R7
R2
R4
J1
R5
R19
R1
R14
R8
2
1
10
9
R22
4
7
5
6
11
12
8
8
6
1
2
3
J2
J7
1
2
3
C6
11
10
7
9
1/2
AD815
6
+15V
8
7
–15V
9
11
0.1 F10 F
10
5
4
100
100
75
VIDEO IN
499
0.1 F
10 F
499
499
499
12
75
12
VIDEO OUT
TO 75
CABLES
AD815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com