Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD815 Datasheet(PDF) 4 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 4 Page - Analog Devices

  AD815 Datasheet HTML 1Page - Analog Devices AD815 Datasheet HTML 2Page - Analog Devices AD815 Datasheet HTML 3Page - Analog Devices AD815 Datasheet HTML 4Page - Analog Devices AD815 Datasheet HTML 5Page - Analog Devices AD815 Datasheet HTML 6Page - Analog Devices AD815 Datasheet HTML 7Page - Analog Devices AD815 Datasheet HTML 8Page - Analog Devices AD815 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD815
REV. B
–4–
AD815–Typical Performance Characteristics
JUNCTION TEMPERATURE – C
–40
100
–20
02040
6080
36
34
18
26
24
22
20
30
28
32
VS = 15V
VS = 5V
Figure 4. Total Supply Current vs. Temperature
SUPPLY VOLTAGE –
Volts
33
30
18
016
2
46
8
10
12
14
27
24
21
TA = +25 C
Figure 5. Total Supply Current vs. Supply Voltage
JUNCTION TEMPERATURE – C
–40
100
–20
0
20
40
60
80
10
0
–80
–40
–50
–60
–70
–20
–30
–10
SIDE B
SIDE A
SIDE A, B
+IB
–IB
–IB
SIDE A
SIDE B
VS = 15V, 5V
VS = 5V
VS = 15V
Figure 6. Input Bias Current vs. Temperature
SUPPLY VOLTAGE –
Volts
20
15
0
020
5
10
15
10
5
Figure 1. Input Common-Mode Voltage Range vs. Supply
Voltage
SUPPLY VOLTAGE –
Volts
40
30
0
020
510
15
20
10
80
60
0
40
20
NO LOAD
RL = 50
(DIFFERENTIAL)
RL = 25
(SINGLE-ENDED)
Figure 2. Output Voltage Swing vs. Supply Voltage
LOAD RESISTANCE – (Differential –
) (Single-Ended –
/2)
30
25
0
10
10k
100
1k
20
15
10
5
60
50
0
40
30
20
10
VS = 15V
VS = 5V
Figure 3. Output Voltage Swing vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com