Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD815 Datasheet(PDF) 2 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 2 Page - Analog Devices

  AD815 Datasheet HTML 1Page - Analog Devices AD815 Datasheet HTML 2Page - Analog Devices AD815 Datasheet HTML 3Page - Analog Devices AD815 Datasheet HTML 4Page - Analog Devices AD815 Datasheet HTML 5Page - Analog Devices AD815 Datasheet HTML 6Page - Analog Devices AD815 Datasheet HTML 7Page - Analog Devices AD815 Datasheet HTML 8Page - Analog Devices AD815 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD815–SPECIFICATIONS
AD815A
Model
Conditions
VS
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Small Signal Bandwidth (–3 dB)
G = +1
±15
100
120
MHz
G = +1
±5
90
110
MHz
Bandwidth (0.1 dB)
G = +2
±15
40
MHz
G = +2
±5
10
MHz
Differential Slew Rate
VOUT = 20 V p-p, G = +2
±15
800
900
V/
µs
Settling Time to 0.1%
10 V Step, G = +2
±15
70
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
f = 1 MHz, RLOAD = 200 Ω, VOUT = 40 V p-p ± 15
–66
dBc
Input Voltage Noise
f = 10 kHz, G = +2 (Single Ended)
±5, ±15
1.85
nV/
√Hz
Input Current Noise (+IIN)
f = 10 kHz, G = +2
±5, ±15
1.8
pA/
√Hz
Input Current Noise (–IIN)
f = 10 kHz, G = +2
±5, ±15
19
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RLOAD = 25 Ω± 15
0.05
%
Differential Phase Error
NTSC, G = +2, RLOAD = 25 Ω± 15
0.45
Degrees
DC PERFORMANCE
Input Offset Voltage
±55
8
mV
±15
10
15
mV
TMIN – TMAX
30
mV
Input Offset Voltage Drift
20
µV/°C
Differential Offset Voltage
±50.5
2
mV
±15
0.5
4
mV
TMIN – TMAX
5mV
Differential Offset Voltage Drift
10
µV/°C
–Input Bias Current
±5, ±15
10
90
µA
TMIN – TMAX
150
µA
+Input Bias Current
±5, ±15
2
5
µA
TMIN – TMAX
5
µA
Differential Input Bias Current
±5, ±15
10
75
µA
TMIN – TMAX
100
µA
Open-Loop Transresistance
±5, ±15
1.0
5.0
M
Ω
T
MIN – TMAX
0.5
M
Ω
INPUT CHARACTERISTICS
Differential Input Resistance
+Input
±15
7
M
Ω
–Input
15
Ω
Differential Input Capacitance
±15
1.4
pF
Input Common-Mode Voltage Range
±15
13.5
±V
±53.5
±V
Common-Mode Rejection Ratio
T
MIN – TMAX
±5, ±15
57
65
dB
Differential Common-Mode Rejection Ratio
TMIN – TMAX
±5, ±15
80
100
dB
OUTPUT CHARACTERISTICS
Voltage Swing
Single Ended, RLOAD = 25 Ω± 15
11.0
11.7
±V
±5
1.1
1.8
±V
Differential, RLOAD = 50 Ω± 15
21
23
±V
TMIN – TMAX
±15
22.5
24.5
±V
Output Current
1, 2
VR, Y
RLOAD = 5 Ω± 15
500
750
mA
±5
350
400
mA
RB-24
RLOAD = 10 Ω± 15
400
500
mA
Short Circuit Current
±15
1.0
A
Output Resistance
±15
13
Ω
MATCHING CHARACTERISTICS
Crosstalk
f = 1 MHz
±15
–65
dB
POWER SUPPLY
Operating Range
3
T
MIN – TMAX
±18
V
Quiescent Current
±523
30
mA
±15
30
40
mA
TMIN – TMAX
±540
mA
±15
55
mA
Power Supply Rejection Ratio
T
MIN – TMAX
±5, ±15
–55
–66
dB
NOTES
1Output current is limited in the 24-lead SOIC package to the maximum power dissipation. See absolute maximum ratings and derating curves.
2See Figure 12 for bandwidth, gain, output drive recommended operation range.
3Observe derating curves for maximum junction temperature.
Specifications subject to change without notice.
REV. B
–2–
(@ TA = +25 C, VS =
15 V dc, RFB = 1 k
and RLOAD = 100
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com