Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD815 Datasheet(PDF) 13 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD815 Datasheet HTML 8Page - Analog Devices AD815 Datasheet HTML 9Page - Analog Devices AD815 Datasheet HTML 10Page - Analog Devices AD815 Datasheet HTML 11Page - Analog Devices AD815 Datasheet HTML 12Page - Analog Devices AD815 Datasheet HTML 13Page - Analog Devices AD815 Datasheet HTML 14Page - Analog Devices AD815 Datasheet HTML 15Page - Analog Devices AD815 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD815
REV. B
–13–
6
4
5
8
+15V
10
7
–15V
RF
499
RL
9
11
0.1 F
10 F
RG
100
RF
499
0.1 F
10 F
1/2
AD815
1
8
+15V
0.1 F
2
1k
4
–15V
1k
7
0.1 F
6
5
1k
3
1/2
AD815
1/2
AD826
1/2
AD826
100
100
1k
Figure 50. Differential Driver with Single-Ended
Differential Converter
Another means for creating a differential signal from a single-
ended signal is to use a transformer with a center-tapped
secondary. The center tap of the transformer is grounded and
the two secondary windings are connected to obtain opposite
polarity signals to the two inputs of the AD815 amplifiers. The
bias currents for the AD815 inputs are provided by the center
tap ground connection through the transformer windings.
One advantage of using a transformer is its ability to provide
isolation between circuit sections and to provide good common-
mode rejection. The disadvantages are that transformers have
no dc response and can sometimes be large, heavy, and expensive.
This circuit is shown in Figure 51.
6
4
5
8
+15V
10
7
–15V
RL
9
11
0.1 F
10 F
200
0.1 F
10 F
1/2
AD815
1k
1k
1/2
AD815
50
100
100
50
Figure 51. Differential Driver with Transformer Input
Direct Single-Ended-to-Differential Conversion
Two types of circuits can create a differential output signal from
a single-ended input without the use of any other components
than resistors. The first of these is illustrated in Figure 52.
6
4
5
8
+15V
10
7
–15V
RF1
402
RL
9
11
RG
100
RF2
499
1/2
AD815
1/2
AD815
VIN
VOUT
AMP 1
AMP 2
Figure 52. Direct Single-Ended-to-Differential Conversion
Amp 1 has its + input driven with the input signal, while the
+ input of Amp 2 is grounded. Thus the – input of Amp 2 is
driven to virtual ground potential by its output. Therefore
Amp 1 is configured for a noninverting gain of five, (1 + RF1/RG),
because RG is connected to the virtual ground of Amp 2’s – input.
When the + input of Amp 1 is driven with a signal, the same
signal appears at the – input of Amp 1. This signal serves as an
input to Amp 2 configured for a gain of –5, (–RF2/RG). Thus the
two outputs move in opposite directions with the same gain and
create a balanced differential signal.
This circuit can work at various gains with proper resistor
selection. But in general, in order to change the gain of the
circuit, at least two resistor values will have to be changed. In
addition, the noise gain of the two op amps in this configuration
will always be different by one, so the bandwidths will not match.
A second circuit that has none of the disadvantages mentioned
in the above circuit creates a differential output voltage feedback
op amp out of the pair of current feedback op amps in the AD815.
This circuit, drawn in Figure 53, can be used as a high power
differential line driver, such as required for ADSL (asymmetrical
digital subscriber loop) line driving.
Each of the AD815’s op amps is configured as a unity gain
follower by the feedback resistors (RA). Each op amp output
also drives the other as a unity gain inverter via the two RBs,
creating a totally symmetrical circuit.
If the + input to Amp 2 is grounded and a small positive signal
is applied to the + input of Amp 1, the output of Amp 1 will be
driven to saturation in the positive direction and the output of
Amp 2 driven to saturation in the negative direction. This is
similar to the way a conventional op amp behaves without any
feedback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com