Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R7 Datasheet (PDF) - Analog Devices

AD8390AACPZ-R7 Datasheet PDF - Analog Devices
Part # AD8390AACPZ-R7
Download  AD8390AACPZ-R7 Download
File Size   387.8 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Output Current Differential Amplifier

AD8390AACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8390AACPZ-R7 Datasheet PDF - Analog Devices

Part # AD8390AACPZ-R7
Download  AD8390AACPZ-R7 Click to download

File Size   387.8 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Output Current Differential Amplifier

AD8390AACPZ-R7 Datasheet (HTML) - Analog Devices


AD8390AACPZ-R7 Product details

GENERAL DESCRIPTION

The AD8390A is a high output current, low power consumption differential amplifier. It is particularly well suited for the central office (CO) driver interface in digital subscriber line systems such as ADSL and ADSL2+. In full bias operation, the driver delivers 20.4 dBm output power into low resistance loads while compensating for hybrid and transformer insertion losses and back termination resistors.

The AD8390A is available in a thermally enhanced LFCSP package (16-lead LFCSP). Significant control and flexibility in bias current have been designed into the AD8390A.

Four power modes are selectable via two digital inputs, PD0 and PD1, providing three levels of driver bias and one power-down state. In addition, the IADJ pin is available for fine quiescent current trimming to tailor the performance of the AD8390A.

The low power consumption, high output current, high output voltage swing, and robust thermal packaging enable the AD8390A to be used as the central office line driver in ADSL, ADSL2+, and proprietary xDSL systems, as well as in other high current applications requiring a differential amplifier.



FEATURES

  Voltage feedback amplifier

     Ideal for ADSL and ADSL2+ central office (CO) and customer premises equipment (CPE) applications

     Enables high current differential applications

  Low power operation

     Single- or dual-supply operation from 10 V (± 5 V) up to 24 V (± 12 V)

     5.5 mA total quiescent supply current for full power ADSL and ADSL2+ CO applications

     Adjustable supply current to minimize power consumption

  High output voltage and current drive

     400 mA peak output drive current

     44 V p-p differential output voltage

  Low distortion

     −70 dBc MTPR, 26 kHz to 1.1 MHz

     −65 dBc MTPR, 1.1 MHz to 2.2 MHz

  High speed: 260 V/μs differential slew rate

 

APPLICATIONS

  ADSL/ADSL2+ CO and CPE line drivers

  xDSL line drivers

  High current differential amplifiers



 




Similar Part No. - AD8390AACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
More results


Similar Description - AD8390AACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
Low Power, High Output Current Differential Amplifier
9/04-Data Sheet Changed from Rev. B to Rev. C
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD815 AD-AD815_05 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
High Output Current Differential Driver
REV. C
logo
Texas Instruments
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com