Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8390AACPZ-R7
Description  Low Power, High Output Current Differential Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390AACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8390AACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Power, High Output Current
Differential Amplifier
Data Sheet
AD8390A
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2013 Analog Devices, Inc. All rights reserved.
FEATURES
Voltage feedback amplifier
Ideal for ADSL and ADSL2+ central office (CO) and
customer premises equipment (CPE) applications
Enables high current differential applications
Low power operation
Single- or dual-supply operation from 10 V (± 5 V)
up to 24 V (± 12 V)
5.5 mA total quiescent supply current for full power ADSL
and ADSL2+ CO applications
Adjustable supply current to minimize power
consumption
High output voltage and current drive
400 mA peak output drive current
44 V p-p differential output voltage
Low distortion
−70 dBc MTPR, 26 kHz to 1.1 MHz
−65 dBc MTPR, 1.1 MHz to 2.2 MHz
High speed: 260 V/μs differential slew rate
APPLICATIONS
ADSL/ADSL2+ CO and CPE line drivers
xDSL line drivers
High current differential amplifiers
FUNCTIONAL BLOCK DIAGRAM
56kΩ
56kΩ
56kΩ
56kΩ
VCC
VCC
VCOM
OUTP
AD8390A
OUTN
INP
INN
VEE
VEE
Figure 1.
GENERAL DESCRIPTION
The AD8390A is a high output current, low power consumption
differential amplifier. It is particularly well suited for the central
office (CO) driver interface in digital subscriber line systems
such as ADSL and ADSL2+. In full bias operation, the driver
delivers 20.4 dBm output power into low resistance loads while
compensating for hybrid and transformer insertion losses and
back termination resistors.
The AD8390A is available in a thermally enhanced LFCSP
package (16-lead LFCSP). Significant control and flexibility
in bias current have been designed into the AD8390A.
Four power modes are selectable via two digital inputs, PD0 and
PD1, providing three levels of driver bias and one power-down
state. In addition, the IADJ pin is available for fine quiescent
current trimming to tailor the performance of the AD8390A.
The low power consumption, high output current, high output
voltage swing, and robust thermal packaging enable the
AD8390A to be used as the central office line driver in ADSL,
ADSL2+, and proprietary xDSL systems, as well as in other high
current applications requiring a differential amplifier.


Similar Part No. - AD8390AACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
More results

Similar Description - AD8390AACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
Low Power, High Output Current Differential Amplifier
9/04-Data Sheet Changed from Rev. B to Rev. C
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD815 AD-AD815_05 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
High Output Current Differential Driver
REV. C
logo
Texas Instruments
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com