Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8390AACPZ-R7
Description  Low Power, High Output Current Differential Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390AACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8390AACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD8390A
Data Sheet
Rev. B | Page 12 of 12
OUTLINE DIMENSIONS
2.25
2.10 SQ
1.95
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGC
1
0.65
BSC
PIN 1
INDICATOR
1.95 REF
0.75
0.60
0.50
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
COPLANARITY
0.08
1.00
0.85
0.80
0.35
0.30
0.25
0.05 MAX
0.02 NOM
0.20 REF
16
5
13
8
9
12
4
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.25 MIN
BOTTOM VIEW
3.75 BSC
SQ
Figure 18. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-16-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8390AACPZ-R2
−40°C to +85°C
16-Lead LFCSP_VQ, 250 Piece Reel
CP-16-4
AD8390AACPZ-RL
−40°C to +85°C
16-Lead LFCSP_VQ, 13”Tape and Reel
CP-16-4
AD8390AACPZ-R7
−40°C to +85°C
16-Lead LFCSP_VQ, 7”Tape and Reel
CP-16-4
1
Z = RoHS Compliant Part.
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07094-0-2/13(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com