Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8390AACPZ-R7
Description  Low Power, High Output Current Differential Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390AACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8390AACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
AD8390A
Rev. B | Page 3 of 12
SPECIFICATIONS
VS = ±12 V or VS = 24 V, RL = 100 Ω, G = 10, PD(1:0) = (1,1), IADJ = NC, VCOM = NC (bypassed with 0.1 μF capacitor), TA = 25°C, unless
otherwise noted. Refer to the basic test circuit in Figure 14.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p, RF = 10 kΩ
38
45
MHz
Large Signal Bandwidth
VOUT = 4 V p-p
35
38
MHz
Peaking
VOUT = 0.2 V p-p
0.1
dB
Slew Rate
VOUT = 4 V p-p
260
V/µs
NOISE/DISTORTION PERFORMANCE
Multitone Power Ratio (26 kHz to 1.1 MHz)
ZLINE = 100 Ω, PLINE = 20.4 dBm,
crest factor (CF) = 5.4
–70
dBc
Multitone Power Ratio (1.1 MHz to 2.2 MHz) ZLINE = 100 Ω, PLINE = 20.4 dBm,
crest factor (CF) = 5.4
–65
dBc
Voltage Noise (RTI)
f = 10 kHz
5
nV/√Hz
INPUT CHARACTERISTICS
RTI Offset Voltage (VOS,DM(RTI))
VINP − VINN, VCOM = midsupply
–3.0
±1.0
+3.0
mV
VINP – VINN, VCOM = NC
–3.0
±1.0
+3.0
mV
±Input Bias Current
–4.0
–7.0
µA
Input Offset Current
–0.35
±0.05
+0.35
µA
Input Resistance
400
kΩ
Input Capacitance
2
pF
Common-Mode Rejection Ratio
(∆VOS,DM(RTI))/(∆VIN,CM)
58
69
dB
OUTPUT CHARACTERISTICS
Differential Output Voltage Swing
∆VOUT
42.8
44
44.6
V
Output Balance Error
(∆VOS,CM)/∆VOUT
60
dB
Linear Output Current
RL = 10 Ω, fC = 100 kHz
400
mA
Output Impedance
fC = 2 MHz
0.1
Ω
Output Common-Mode Offset
(VOUTP + VOUTN)/2, VCOM = midsupply
–75
±35
+75
mV
(VOUTP + VOUTN)/2, VCOM = NC
–75
±35
+75
mV
POWER SUPPLY
Operating Range (Dual Supply)
±5
±12
V
Operating Range (Single Supply)
10
24
V
Total Quiescent Current, IADJ = VEE
PD(1:0) = (1,1)
5.5
6.5
mA
PD(1:0) = (1,0)
4.0
5.0
mA
PD(1:0) = (0,1)
2.6
3.5
mA
PD(1:0) = (0,0)
0.56
1.0
mA
Total Quiescent Current, IADJ = NC
PD(1:0) = (1,1)
10.0
11.0
mA
PD(1:0) = (1,0)
6.7
8.0
mA
PD(1:0) = (0,1)
3.8
5.0
mA
PD(1:0) = (0,0)
0.67
1.0
mA
Power Supply Rejection Ratio (PSRR)
∆VOS,DM/∆VS, ∆VS = ±1 V, VCOM = midsupply
72
94
dB
PD(1:0) = 0 (Low Logic State)
0.8
V
PD(1:0) = 1 (High Logic State)
1.6
V
VCOM
Input Voltage Range
−11.0
+10.0
V
Input Resistance
28
kΩ
VCOM Accuracy
∆VOUT,CM/∆VCOM
0.995
1.0
1.005
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com