Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8390AACPZ-R7
Description  Low Power, High Output Current Differential Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390AACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8390AACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
AD8390A
Rev. B | Page 7 of 12
–65
–60
–55
–50
–45
–40
–35
–30
1
10
100
FREQUENCY (MHz)
VS = ±12V
G = 10
RL = 100Ω
PD(1:0) = (0,0)
Figure 10. Signal Feedthrough
0
–20
–40
–60
–80
–100
–120
0.1
0.01
1
10
FREQUENCY (MHz)
100
PSR–
PSR+
Figure 11. PSRR vs. Frequency; PD(1:0) = (1,1)
0
–20
–10
–30
–40
–50
–60
–70
0.1
0.01
1
10
100
FREQUENCY (MHz)
Figure 12. CMRR vs. Frequency; VIN = 200 mV p-p, Gain = 10, IADJ = NC
7
–3
FREQUENCY (MHz)
–2
–1
0
1
2
3
4
5
6
0.01
0.1
1
10
100
Figure 13. Gain with VCOM Driven vs. Frequency; VCOM = 200 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com