Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8390AACPZ-R7
Description  Low Power, High Output Current Differential Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390AACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8390AACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8390AACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
AD8390A
Rev. B | Page 11 of 12
ADSL AND ADSL2+ APPLICATIONS
In a typical ADSL/ADSL2+ application, a differential line driver
drives the signal from the analog front end (AFE) onto the
twisted pair telephone line. Referring to the typical circuit
representation in Figure 17, the differential input appears at
VIN+ and VIN− from the AFE. The differential output is
transformer-coupled to the telephone line at tip and ring. The
common-mode operating point, generally midway between the
supplies, is set through VCOM.
In ADSL/ADSL2+ applications, it is common practice to
conserve power by using positive feedback (R3 in Figure 17) to
synthesize the output resistance, lowering the required value of
the line matching resistors, RM.
RM
RL VOUT, DM
+
–
–OUT
+OUT
RM
R3
R2
R1
R1
R3
0.1µF
RADJ
R2
1:N
10µF
0.1µF
VCC
+IN
VCOM
–IN
10µF
0.1µF
0.1µF
VEE
Figure 17. ADSL/ADSL2+ Application Circuit
The differential input impedance to the circuit is 2 × R1.
R1 is chosen by the designer to match system requirements.
The synthesized value of the back termination resistor is given
by the following equation.
2
2 N
R
k
R
L
M
×
×
=
where RL is the line impedance, and N is the turns ratio of the
transformer.
The factor k defines the relationship between the negative and
positive feedback resistors and is given by
2
1
R
R3
k
−
=
Commonly used values for k are between 0.1 and 0.25. Values
less than 0.1 can lead to instability and are not recommended.
Assuming low values for back termination resistor RM, R3 is
approximated as
V
A
k
R1
R3
×
×
×
≅
2
where AV is the voltage gain.
R2 is given by
k
R3
R2
−
=
1
With RM, R3, and R2 calculated, the closest 1% resistors are
chosen and the gain rechecked with the following equation:
(
)
[
]
R3
k
R2
R
R1
R3
R2
A
M
V
−
+
+
×
=
1
Table 6 compares the results of the exact values, the simplified
approximation, and the closest 1% resistor value calculations. In
this example, R1 = 1.0 kΩ, AV = 10, and k = 0.1.
Note that decreasing the value of the back termination resistors
attenuates the receive signal by approximately 1/k. Advances in
low noise receive amplifiers permit the use of k values as small
as 0.1.
The line impedance, turns ratio, and k factor specify the output
voltage and current required from the AD8390A. To accom-
modate higher crest factors or lower supply rails, the turns ratio,
N, may need to be increased. Because higher turns ratios and
smaller k factors both attenuate the receive signal, a large
increase in N may require an increase in k to maintain the
desired noise performance. Any particular design process
requires that these trade-offs be addressed.
Table 6. Resistor Selection
Component
Exact
Value
Approximate
Calculation
Standard 1%
Resistor Value
R1 (Ω)
1000
1000
1000
R2 (Ω)
2246.95
2222.22
2210
R3 (Ω)
2022.25
2000
2000
RM (Ω)
5
5
4.99
Actual AV
10.000
9.889
10.138
Actual k
0.1
0.1
0.095
LIGHTNING AND AC POWER FAULT
When the AD8390A is an ADSL/ADSL2+ line driver, it is
transformer-coupled to the twisted pair telephone line. In this
environment, the AD8390A is subject to large line transients
resulting from events such as lightning strikes or downed power
lines. Additional circuitry is required to protect the AD8390A
from damage due to these events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com