Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390 Datasheet (PDF) - Analog Devices

AD8390 Datasheet PDF - Analog Devices
Part # AD8390
Download  AD8390 Download
File Size   531.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Output Current Differential Amplifier

AD8390 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8390 Datasheet PDF - Analog Devices

Part # AD8390
Download  AD8390 Click to download

File Size   531.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Output Current Differential Amplifier

AD8390 Datasheet (HTML) - Analog Devices


AD8390 Product details

GENERAL DESCRIPTION

The AD8390 is a high output current, low power consumption differential amplifier. It is particularly well suited for the central office (CO) driver interface in digital subscriber line systems such as ADSL and ADSL2+. While in full bias operation, the driver is capable of providing 24.4 dBm output power into low resistance loads. This is enough to power a 20.4 dBm line while compensating for losses due to hybrid insertion, transformer insertion, and back termination resistors.

The AD8390 fully differential amplifier is available in a thermally enhanced lead frame chip scale package (LFCSP-16) and a 16-lead QSOP/EP. Significant control and flexibility in bias current have been designed into the AD8390. The four power modes are controlled by two digital bits, PWDN (1,0) which provide three levels of driver bias and one powered-down state. In addition, the IADJ pin can be used for fine quiescent current trimming to tailor the performance of the AD8390.



FEATURES

  Voltage feedback amplifier

     Ideal for ADSL and ADSL2+ central office (CO) and customer premises equipment (CPE) applications

     Enables high current differential applications

  Low power operation

     Single- or dual-power supply operation from 10 V (±5 V) up to 24 V (±12 V)

     4 mA total quiescent supply current for full power ADSL and ADSL2+ CO applications

     Adjustable supply current to minimize power consumption

  High output voltage and current drive

     400 mA peak output drive current

     44.2 V p-p differential output voltage

  Low distortion

     –82 dBc @ 1 MHz second harmonic

     –91 dBc @ 1 MHz third harmonic

  High speed: 300 V/µs differential slew rate



APPLICATIONS

  ADSL/ADSL2+ CO and CPE line drivers

  xDSL line driver

  High current differential amplifiers



 




Similar Part No. - AD8390

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8390A AD-AD8390A Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
More results


Similar Description - AD8390

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD815 AD-AD815_05 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
High Output Current Differential Driver
REV. C
logo
Texas Instruments
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com