Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8150 Datasheet (PDF) - Analog Devices

AD8150 Datasheet PDF - Analog Devices
Part # AD8150
Download  AD8150 Download
File Size   995.05 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 33 x 17, 1.5 Gbps Digital Crosspoint Switch

AD8150 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8150 Datasheet PDF - Analog Devices

Part # AD8150
Download  AD8150 Click to download

File Size   995.05 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 33 x 17, 1.5 Gbps Digital Crosspoint Switch

AD8150 Datasheet (HTML) - Analog Devices


AD8150 Product details

GENERAL DESCRIPTION
AD8150 is a member of the Xstream line of products and is a breakthrough in digital switching, offering a large switch array (33 × 17) on very little power, typically less than 1.5 W. Additionally, it operates at data rates in excess of 1.5 Gbps per port, making it suitable for HDTV applications. Further, the pricing of the AD8150 makes it affordable enough to be used for SD applications. The AD8150 is also useful for OC-24 optical network switching.

FEATURES
    Low cost
    33 × 17, fully differential, nonblocking array
    >1.5 Gbps per port NRZ data rate
    Wide power supply range: +5 V, +3.3 V, −3.3 V, −5 V
    Low power
        400 mA (outputs enabled)
        30 mA (outputs disabled)
    PECL and ECL compatible
    CMOS/TTL-level control inputs: 3 V to 5 V
    Low jitter: <50 ps p-p
    No heat sinks required
    Drives a backplane directly
    Programmable output current
        Optimize termination impedance
        User-controlled voltage at the load
        Minimize power dissipation
    Individual output disable for busing and building
    Larger arrays
    Double row latch
    Buffered inputs
    Available in 184-lead LQFP

APPLICATIONS
    HD and SD digital video
    Fiber optic network switching




Similar Part No. - AD8150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
More results


Similar Description - AD8150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8151 AD-AD8151 Datasheet
5Mb / 36P
33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV.0
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
1.5 Gbps 4X4 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com