Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8151 Datasheet (PDF) - Analog Devices

AD8151 Datasheet PDF - Analog Devices
Part # AD8151
Download  AD8151 Download
File Size   5326.9 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 33 x 17, 3.2 Gb/s Digital Crosspoint Switch

AD8151 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8151 Datasheet PDF - Analog Devices

Part # AD8151
Download  AD8151 Click to download

File Size   5326.9 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 33 x 17, 3.2 Gb/s Digital Crosspoint Switch

AD8151 Datasheet (HTML) - Analog Devices


AD8151 Product details

GENERAL DESCRIPTION
The AD8151 1 is a member of the Xstream line of products, offering a breakthrough in digital switching and a large switch array (33 × 17) on very little power—typically less than 1.5 W.
   
FEATURES
    Low cost
    33 × 17, fully differential, nonblocking array
    3.2 Gbps per port NRZ data rate
    Wide power supply range: +3.3 V, –3.3 V
    Low power
    425 mA (outputs enabled)
    35 mA (outputs disabled)
    LV PECL- and LV ECL-compatible
    CMOS/TTL-level control inputs: 3 V to 5 V
    Low jitter
    No heat sinks required
    Drives a backplane directly
    Programmable output current
    Optimize termination impedance
    User-controlled voltage at the load
    Minimize power dissipation
    Individual output disable for busing and reducing power
    Double row latch
    Buffered inputs
    184-lead LQFP package
   
APPLICATIONS
    High speed serial backplane routing to Sonet OC-48
        applications with FEC
    Fiber optic network switching
    Fiber channel
    LVDS
   




Similar Part No. - AD8151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
Digital Crosspoint Switch
REV. B
More results


Similar Description - AD8151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8152 AD-AD8152 Datasheet
1Mb / 32P
34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
1/03-Data Sheet changed from REV. 0 to REV. A.
logo
Vitesse Semiconductor C...
VSC834 VITESSE-VSC834 Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
Optoway Technology Inc
SPB-9805RWG_2015 OPTOWAY-SPB-9805RWG_2015 Datasheet
187Kb / 6P
3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-97120RW-1590G_2015 OPTOWAY-SPB-97120RW-1590G_2015 Datasheet
184Kb / 5P
3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
Digital Crosspoint Switch
REV. B
logo
Optoway Technology Inc
SPB-9705RWG OPTOWAY-SPB-9705RWG_15 Datasheet
406Kb / 6P
3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780RW-1590G OPTOWAY-SPB-9780RW-1590G_15 Datasheet
188Kb / 6P
3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
3.2 Gbps 288x288 Crosspoint Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com