Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8151 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8151
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151 Datasheet(HTML) 3 Page - Analog Devices

  AD8151 Datasheet HTML 1Page - Analog Devices AD8151 Datasheet HTML 2Page - Analog Devices AD8151 Datasheet HTML 3Page - Analog Devices AD8151 Datasheet HTML 4Page - Analog Devices AD8151 Datasheet HTML 5Page - Analog Devices AD8151 Datasheet HTML 6Page - Analog Devices AD8151 Datasheet HTML 7Page - Analog Devices AD8151 Datasheet HTML 8Page - Analog Devices AD8151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD8151
–3–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8151 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8151
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of
the plastic, approximately 150
°C. Temporarily exceeding this
limit may cause a shift in parametric performance due to a change
in the stresses exerted on the die by the package. Exceeding a
junction temperature of 175
°C for an extended period can result in
device failure.
To ensure proper operation, it is necessary to observe the maxi-
mum power derating curves shown in Figure 2.
AMBIENT TEMPERATURE – C
–10
0
10
20
30
4050
60708090
2.0
3.0
4.0
5.0
6.0
TJ = 150 C
1.0
Figure 2. Maximum Power Dissipation vs. Temperature
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
VDD –VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10.5 V
VCC – VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
VDD – VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
VSS – VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
VSS – VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
VDD – VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Internal Power Dissipation
2
AD8151 184-Lead Plastic LQFP (ST) . . . . . . . . . . . . 4.2 W
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air (T
A = 25
°C):
184-lead plastic LQFP (ST):
θ
JA = 30
°C/W.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8151AST
0
°C to 85°C
184-Lead Plastic LQFP
ST-184
(20 mm
× 20 mm)
AD8151-EVAL
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com