Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8151 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8151
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8151 Datasheet HTML 17Page - Analog Devices AD8151 Datasheet HTML 18Page - Analog Devices AD8151 Datasheet HTML 19Page - Analog Devices AD8151 Datasheet HTML 20Page - Analog Devices AD8151 Datasheet HTML 21Page - Analog Devices AD8151 Datasheet HTML 22Page - Analog Devices AD8151 Datasheet HTML 23Page - Analog Devices AD8151 Datasheet HTML 24Page - Analog Devices AD8151 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD8151
–21–
REV. 0
external pin of the AD8151 projects into the package, and has a
bond wire connected to the chip inside. On-chip wiring then
connects to the collectors of the output transistors and to ESD
protection diodes.
Unlike some other high-speed digital components, the AD8151
does not have on-chip terminations. While this location would
be closer to the actual end of the transmission line for some
architectures, this concept can limit system design options. In
particular, it is not possible to bus more than two inputs or
outputs on the same transmission line and it is also not possible
to change the value of these terminations to use for different
impedance transmission lines. The AD8151, with the added
ability to disable its outputs, is much more versatile in these
types of architectures.
If the external traces are kept to a bare minimum, then the
output will present a mostly lumped capacitive load of about
2 pF. A single stub of 2 pF will not seriously adversely affect
signal integrity for most transmission lines, but the more of
these stubs, the more adverse their influence will be.
One way to mitigate this effect is to locally reduce the capacitance
of the main transmission line near the point of stub intersection.
Some practical means for doing this are to narrow the PC board
traces in the region of the stub and/or to remove some of the
ground plane(s) near this intersection. The effect of these tech-
niques will locally lower the capacitance of the main transmission
line at these points, while the added capacitance of the AD8151
outputs will “compensate” for this reduction in capacitance.
The overall intent is to create as uniform a transmission line as
possible.
In selecting the location of the termination resistors it is impor-
tant to keep in mind that, as their name implies, they should be
placed at either end of the line. There should be no or minimal
projection of the transmission line beyond the point where the
termination resistors connect to it.
EVALUATION BOARD
An evaluation board has been designed and is available to rapidly
test the main features of the AD8151. This board lets the user
analyze the analog performance of the AD8151 channels and
easily control the configuration of the board by a standard PC.
The board has limited numbers of differential input/output
pairs. Each differential pair of microstrip is connected to either
top-mount or side-launch SMA connectors. The top-mount
SMA connectors are drilled and stubbed for superior perfor-
mance. The FR4 type board contains a total of nine outputs (all
even numbered outputs) and 20 inputs (numbers 0, 2, 4, 6, 8,
10, 12, 13, 14, 15, 16, 17, 18, 20, 22, 24, 26, 28, 30, 32). It is
important to note that the shells of the SMA connectors are
attached to VCC. This makes only ECL or negative level swings
possible during testing.
Power Supplies
The AD8151 is designed to work with standard ECL logic levels.
This means that VCC is at ground and VEE is at a negative supply.
The shells of the I/O SMA connectors are at VCC potential. Thus,
when operating in the standard ECL configuration, test equipment
can be directly connected to the board, as the test equipment
will have its connector “shells” at ground potential also.
Operating in PECL mode requires VCC to be at a positive volt-
age, while VEE is at ground. Since this would make the shells of
the I/O connectors at a positive voltage, it can cause problems
when directly connecting to test equipment. Some equipment,
such as battery-operated oscilloscopes, can be “floated” from
ground, but care should be taken with line-powered equipment
to avoid creating a dangerous situation. Refer to the manual of
the test equipment that is being used.
The voltage difference from VCC to VEE can range from 3 V to
5 V. Power savings can be realized by operating at a lower volt-
age without any compromise in performance.
A separate connection is provided for VTT, the termination
potential of the outputs. This can be at a voltage as high as VCC,
but power savings can be realized if VTT is at a voltage that is
somewhat lower. Please consult elsewhere in the data sheet for
the specification for the limits of the VTT supply.
As a practical matter, current on the evaluation board will flow
from the VTT supply, through the termination resistors, into the
multiple outputs of the AD8151, and on to the VEE supply. When
running in ECL mode, VTT will want to be at a negative supply.
Most power supplies will not allow their ground connection to
VCC and then the negative supply to VTT. This will require them
to source current from their negative supply, which wants to
flow to the more-negative VEE. This current will not then return
to the ground terminal of the VTT supply. Thus, VTT should be
referenced to VEE when running in ECL mode or a true bipolar
supply should be used.
The digital supply is provided to the AD8151 by the VDD and
VSS pins. VSS should always be at ground potential to make it
compatible with standard CMOS or TTL logic. VDD can range
from 3 V to 5 V, and should be matched to the supply voltage of
the logic used to control the AD8151. However, since PCs use
5 V logic on their parallel port, VDD should be at 5 V when using a
PC to program the AD8151.
Bypassing
Most of the board’s bypass capacitors are opposite the DUT on
the solder side, connected between VCC and VEE. This is where
they will be most effective. These capacitors are 0.01
µF ceramic
chip capacitors for low inductance. There are additional higher
value capacitors elsewhere on the board for bypassing at lower
frequencies. The location of these is not as critical.
Input and Output Considerations
Each input contains a 100
Ω differential termination. Although
the differential termination eases board layout due to its compact
nature, it can cause problems with the driving generator. A typical
pulse or pattern generator wants to see 50
Ω to ground (or to
–2 V in some cases). High speed probing of the input showed if
this type of termination is not present then input amplitudes could
be slightly off. Even more affected can be the dc input levels.
Depending on the generator used, these levels can be off as much
as 800 mV in either direction. A correction for this problem is to
attach a 6 dB attenuator to each P and N input. Because the
AD8151 has a large common-mode voltage range on its input
stage, it will not be significantly affected by dc level errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com