Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8152 Datasheet (PDF) - Analog Devices

AD8152 Datasheet PDF - Analog Devices
Part # AD8152
Download  AD8152 Download
File Size   1351.42 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch

AD8152 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8152 Datasheet PDF - Analog Devices

Part # AD8152
Download  AD8152 Click to download

File Size   1351.42 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch

AD8152 Datasheet (HTML) - Analog Devices


AD8152 Product details

GENERAL DESCRIPTION
AD8152 is a member of the Xstream line of products and is a breakthrough in digital switching, offering a large switch array (34 × 34) on very little power, typically 2.0 W. Additionally, it operates at data rates up to 3.2 Gbps per port, making it suitable for Sonet/SDH OC-48 with Forward Error Correction (FEC).
The AD8152’s useful supply voltage range allows the user to operate at LVPECL/CML data levels down to 2.5 V. The control interface is LVTTL or LVCMOS compatible on 2.5 V to 3.3 V.
The AD8152’s fully differential signal path reduces jitter and crosstalk while allowing the use of smaller single-ended voltage swings. It is offered in a 256-ball SBGA package that operates over the industrial temperature range of 0°C to 85°C.

FEATURES
   Low Cost
   Low Power
      2.0 W @ 2.5 V (Outputs Enabled)
      <100 mW @ 2.5 V (Outputs Disabled)
   34 x 34, Fully Differential, Nonblocking Array
   3.2 Gbps per Port NRZ Data Rate
   Wide Power Supply Range: 2.5 V to 3.3 V
   LVTTL or LVCMOS Level Control Inputs:
      @ 2.5 V to 3.3 V
   Low Jitter: 45 ps
   Drives a Backplane Directly
   Programmable Output Swing
      100 mV to 1.6 V Differential
      50Ω On-Chip I/O Termination
      User Controlled Voltage at the Load
         Minimizes Power Dissipation
   Dual Rank Latches
   Available in 256-Ball Grid Array

APPLICATIONS
   Fiber Optic Network Switching
   High Speed Serial Backplane Routing to OC-48 with FEC
   Gigabit Ethernet
   Digital Video (HDTV)
   Data Storage Networks




Similar Part No. - AD8152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8152 AD-AD8152 Datasheet
1Mb / 25P
34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
Rev. B
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 25P
34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
Rev. B
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
Asynchronous Digital Crosspoint Switch
REV. A
AD8152 AD-AD8152_V01 Datasheet
1Mb / 25P
34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
Rev. B
More results


Similar Description - AD8152

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8151 AD-AD8151 Datasheet
5Mb / 36P
33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV.0
logo
Vitesse Semiconductor C...
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
M21131 MA-COM-M21131 Datasheet
793Kb / 65P
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
3.2 Gbps 288x288 Crosspoint Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com