Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8150 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 2 Page - Analog Devices

  AD8150 Datasheet HTML 1Page - Analog Devices AD8150 Datasheet HTML 2Page - Analog Devices AD8150 Datasheet HTML 3Page - Analog Devices AD8150 Datasheet HTML 4Page - Analog Devices AD8150 Datasheet HTML 5Page - Analog Devices AD8150 Datasheet HTML 6Page - Analog Devices AD8150 Datasheet HTML 7Page - Analog Devices AD8150 Datasheet HTML 8Page - Analog Devices AD8150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
–2–
REV. 0
AD8150–SPECIFICATIONS
(@ 25 C, VCC = 3.3 V to 5 V, VEE = 0 V, RL = 50
(see Figure 22), IOUT = 16 mA, unless
otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Max Data Rate/Channel (NRZ)
1.5
Gbps
Channel Jitter
Data Rate < 1.5 Gbps
50
ps p-p
RMS Channel Jitter
VCC = 5 V
10
ps
Propagation Delay
Input to Output
650
ps
Propagation Delay Match
50
100
ps
Output Rise/Fall Time
20% to 80%
100
ps
INPUT CHARACTERISTICS
Input Voltage Swing
Differential
200
1000
mV p-p
Input Voltage Range
Common-Mode
VCC – 2
VCC
V
Input Bias Current
2
µA
Input Capacitance
2pF
Input VIN High
VCC – 1.2
VCC – 0.2
V
Input VIN Low
VCC – 2.4
VCC – 1.4
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
Differential (See Figure 22)
800
mV p-p
Output Voltage Range
VCC – 1.8
VCC
V
Output Current
5
25
mA
Output Capacitance
2pF
POWER SUPPLY
Operating Range
PECL, VCC
VEE = 0 V
3.3
5
V
ECL, VEE
VCC = 0 V
–5
–3.3
V
VDD
35
V
VSS
0V
Quiescent Current
VDD
2mA
VEE
All Outputs Enabled, IOUT = 16 mA
400
mA
TMIN to TMAX
450
mA
All Outputs Disabled
30
mA
THERMAL CHARACTERISTICS
Operating Temperature Range
0
85
°C
θJA
30
°C/W
LOGIC INPUT CHARACTERISTICS
VDD = 3 V dc to 5 V dc
Input VIN High
1.9
VDD
V
Input VIN Low
0
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com