Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8150 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8150 Datasheet HTML 9Page - Analog Devices AD8150 Datasheet HTML 10Page - Analog Devices AD8150 Datasheet HTML 11Page - Analog Devices AD8150 Datasheet HTML 12Page - Analog Devices AD8150 Datasheet HTML 13Page - Analog Devices AD8150 Datasheet HTML 14Page - Analog Devices AD8150 Datasheet HTML 15Page - Analog Devices AD8150 Datasheet HTML 16Page - Analog Devices AD8150 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
AD8150
–13–
REV. 0
Control Interface Timing Diagrams
CS INPUT
tASW
tAHW
tDSW
WE INPUT
A[4:0] INPUTS
D[6:0] INPUTS
tCSW
tWP
tCHW
tDHW
Figure 25. First Rank Write Cycle
Table III. First Rank Write Cycle
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCSW
Setup Time
Chip Select to Write Enable
TA = 25
°C0
ns
tASW
Address to Write Enable
VDD = 5 V
0
ns
tDSW
Data to Write Enable
VCC = 5 V
15
ns
tCHW
Hold Time
Chip Select from Write Enable
0
ns
tAHW
Address from Write Enable
0
ns
tDHW
Data from Write Enable
0
ns
tWP
Width of Write Enable Pulse
15
ns
PREVIOUS RANK 2 DATA
CS INPUT
UPDATE INPUT
ENABLING
OUT[0:16][N:P]
OUTPUTS
TOGGLE
OUT[0:16][N:P]
OUTPUTS
DISABLING
OUT[0:16][N:P]
OUTPUTS
DATA FROM RANK 1
tCSU
tUOE
tCHU
DATA FROM RANK 1
DATA FROM RANK 2
tUW
tUOD
tUOT
Figure 26. Second Rank Update Cycle
Table IV. Second Rank Update Cycle
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCSU
Setup Time
Chip Select to Update
TA = 25
°C0
ns
tCHU
Hold Time
Chip Select from Update
VDD = 5 V
0
ns
tUOE
Output Enable Times
Update to Output Enable
VCC = 5 V
25
40
ns
tUOT
Output Toggle Times
Update to Output Reprogram
25
40
ns
tUOD
Output Disable Times
Update to Output Disabled
25
30
ns
tUW
Width of Update Pulse
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com