Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8150 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8150
Description  33 x 17, 1.5 Gbps Digital Crosspoint Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8150 Datasheet HTML 27Page - Analog Devices AD8150 Datasheet HTML 28Page - Analog Devices AD8150 Datasheet HTML 29Page - Analog Devices AD8150 Datasheet HTML 30Page - Analog Devices AD8150 Datasheet HTML 31Page - Analog Devices AD8150 Datasheet HTML 32Page - Analog Devices AD8150 Datasheet HTML 33Page - Analog Devices AD8150 Datasheet HTML 34Page - Analog Devices AD8150 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
AD8150
–32–
REV. 0
Figure 49. Bypassing Schematic
5
4
3
2
7
6
9
8
1
14
13
12
11
16
15
17
10
19
18
23
22
21
20
25
24
27
26
29
28
32
31
30
34
33
36
35
40
39
38
37
41
43
42
45
44
46
VEE
IN20P
IN20N
VEE
IN21P
IN21N
VEE
IN22P
IN22N
VEE
IN23P
IN23N
VEE
IN24P
IN24N
VEE
IN25P
IN25N
VEE
IN26P
IN26N
VEE
IN27P
IN27N
VEE
IN28P
IN28N
VEE
IN29P
IN29N
VEE
IN30P
IN30N
VEE
IN31P
IN31N
VEE
IN32P
IN32N
VEE
OUT16N
OUT16P
VEE
VEE
VEE
IN12N
IN12P
VEE
IN11N
IN11P
VEE
IN10N
IN10P
VEE
IN09N
IN09P
VEE
IN08N
IN08P
VEE
IN07N
IN07P
VEE
IN06N
IN06P
VEE
IN05N
IN05P
VEE
IN04N
IN04P
VEE
IN03N
IN03P
VEE
IN02N
IN02P
VEE
IN01N
IN01P
VEE
IN00N
IN00P
VEE
VEE
OUT00P
OUT00N
VEE
VEE
122
137
138
132
133
134
135
130
131
129
136
127
128
123
124
125
126
120
121
118
119
116
117
113
114
115
111
112
109
110
108
105
106
107
104
102
103
100
101
95
96
97
98
99
93
94
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD8150
184L LQFP
VCC
C31
0.01 F
VCC
C32
0.01 F
VEE
VCC
C11
0.01 F
VEE
VCC
C15
0.01 F
VEE
VCC
C60
0.01 F
VEE
VCC
C29
0.01 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com