Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502 Datasheet (PDF) - Analog Devices

ADL5502 Datasheet PDF - Analog Devices
Part # ADL5502
Download  ADL5502 Download
File Size   448.92 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800 MHz to 3800 MHz Crest Factor Detector

ADL5502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5502 Datasheet PDF - Analog Devices

Part # ADL5502
Download  ADL5502 Click to download

File Size   448.92 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800 MHz to 3800 MHz Crest Factor Detector

ADL5502 Datasheet (HTML) - Analog Devices


ADL5502 Product details

GENERAL DESCRIPTION
The ADL5502 is a mean-responding (true rms) power detector in combination with an envelope detector to accurately determine the crest factor of a modulated signal. It can be used in high frequency receiver and transmitter signal chains from 450 MHz to 6 GHz with envelope bandwidths over 10 MHz. Requiring only a single supply between 2.5 V and 3.3 V, the detector draws less than 3 mA. The input is internally ac-coupled and has a nominal input impedance of 500 Ω.

FEATURES
   True rms response detector
   Envelope peak hold output
   Excellent temperature stability
   ±0.25 dB rms detection accuracy vs. temperature
   ±0.25 dB envelope detection accuracy vs. temperature;
      over the top 25 dB of the input range
   Over 35 dB input power dynamic range, inclusive of crest factor
   RF bandwidths from 450 MHz to 6 GHz
   Envelope bandwidths of 10 MHz
   500 Ω input impedance
   Single-supply operation: 2.5 V to 3.3 V
   Low power: 3 mA at 3 V supply
   RoHS-compliant part

APPLICATIONS
   Power and envelope measurement of W-CDMA, CDMA2000,
      and QPSK-/QAM-based OFDM, and other complex
      modulation waveforms
   RF transmitter or receiver power and envelope measurement




Similar Part No. - ADL5502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
1Mb / 28P
450 MHz to 6000 MHz Crest Factor Detector
REV. A
ADL5502 AD-ADL5502 Datasheet
170Kb / 7P
Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for High Speed, Low Power, and Single 3.3 V Supply
REV. 0
ADL5502-EVALZ AD-ADL5502-EVALZ Datasheet
1Mb / 28P
450 MHz to 6000 MHz Crest Factor Detector
REV. A
ADL5502ACBZ-P2 AD-ADL5502ACBZ-P2 Datasheet
1Mb / 28P
450 MHz to 6000 MHz Crest Factor Detector
REV. A
ADL5502ACBZ-P7 AD-ADL5502ACBZ-P7 Datasheet
1Mb / 28P
450 MHz to 6000 MHz Crest Factor Detector
REV. A
More results


Similar Description - ADL5502

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VC-24 FUJITSU-VC-24 Datasheet
166Kb / 15P
VCO (800 to 2000 MHz)
logo
Texas Instruments
GC1115 TI-GC1115 Datasheet
878Kb / 80P
Crest Factor Reduction Processor
GC1115 TI-GC1115_06 Datasheet
761Kb / 82P
Crest Factor Reduction Processor
logo
National Semiconductor ...
AN-1434 NSC-AN-1434 Datasheet
526Kb / 6P
Crest Factor Invariant RF Power Detector
logo
Analog Devices
ADL5504 AD-ADL5504 Datasheet
1Mb / 24P
450 MHz to 6000 MHz TruPwr Detector
REV. 0
ADL5502 AD-ADL5502_1 Datasheet
1Mb / 28P
450 MHz to 6000 MHz Crest Factor Detector
REV. A
logo
NXP Semiconductors
BGA7210 PHILIPS-BGA7210 Datasheet
2Mb / 30P
700 MHz to 3800 MHz high linearity variable gain amplifier
Rev. 2-4 January 2012
logo
Skyworks Solutions Inc.
SKY67159_396LF SKYWORKS-SKY67159_396LF Datasheet
3Mb / 18P
200 to 3800 MHz Broadband Low-Noise Amplifier
SKY67159-396LF SKYWORKS-SKY67159-396LF Datasheet
3Mb / 18P
200 to 3800 MHz Broadband Low-Noise Amplifier
SKYFR-001823 SKYWORKS-SKYFR-001823 Datasheet
370Kb / 4P
3300 to 3800 MHz Single-Junction Robust Lead Circulator
October 21, 2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com