Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V54C365164 Datasheet (PDF) - Mosel Vitelic, Corp

V54C365164 Datasheet PDF - Mosel Vitelic, Corp
Part # V54C365164
Download  V54C365164 Download
File Size   946.76 Kbytes
Page   56 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16

V54C365164 Datasheet (PDF)

Go To PDF Page Download Datasheet
V54C365164 Datasheet PDF - Mosel Vitelic, Corp

Part # V54C365164
Download  V54C365164 Click to download

File Size   946.76 Kbytes
Page   56 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16

V54C365164 Datasheet (HTML) - Mosel Vitelic, Corp


V54C365164 Product details

Description
The V54C365164VD(L) is a four bank Synchronous DRAM organized as 4 banks x 1Mbit x 16. The V54C365164VD(L) achieves high speed data transfer rates up to 225 MHz by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock.
All of the control, address, data input and output circuits are synchronized with the positive edge of an externally supplied clock.

Features
■ 4 banks x 1Mbit x 16 organization
■ High speed data transfer rates up to 225 MHz
■ Full Synchronous Dynamic RAM, with all signals referenced to clock rising edge
■ Single Pulsed RAS Interface
■ Data Mask for byte Control
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency: 1, 2, 3
■ Programmable Wrap Sequence: Sequential or Interleave
■ Programmable Burst Length:
   1, 2, 4, 8 and full page for Sequential Type
   1, 2, 4, 8 for Interleave Type
■ Multiple Burst Read with Single Write Operation
■ Automatic and Controlled Precharge Command
■ Random Column Address every CLK (1-N Rule)
■ Suspend Mode and Power Down Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 4096 cycles/64 ms
■ Available in 54 Pin 400 mil TSOP-II
■ LVTTL Interface
■ Single +3.3 V ±0.3 V Power Supply




Similar Part No. - V54C365164

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365164 MOSEL-V54C365164 Datasheet
1Mb / 54P
HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
More results


Similar Description - V54C365164

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365404VD MOSEL-V54C365404VD Datasheet
799Kb / 54P
HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 16M X 4 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 4
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
VDS8616A8A A-DATA-VDS8616A8A Datasheet
538Kb / 8P
Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
AMIC Technology
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
4M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A ESMT-M12L2561616A_1 Datasheet
922Kb / 45P
4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
4M X 16 Bit X 4 Banks Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com