Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3029 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3029 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3029
Download  AP3029 Download
File Size   284.31 Kbytes
Page   16 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WHITE LED STEP-UP CONVERTER

AP3029 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3029 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3029
Download  AP3029 Click to download

File Size   284.31 Kbytes
Page   16 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WHITE LED STEP-UP CONVERTER

AP3029 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3029 Product details

General Description
The AP3029 is an inductor-based DC/DC converter designed to drive up to six white LEDs in series or 2 rows of LEDs with 5 for each in parallel for backlight. Only one feedback resistor is needed to control the LED current and obtain required brightness.
   
Features
• Inherently Uniform LED Current
• High Efficiency up to 83.5%
• No Need for External Schottky Diode
• Over Output Voltage Protection
• Drives 2 to 6 LEDs in Series or 2 Rows of LEDs
    with 5 for Each in Parallel
• Fast 1.2MHz Switching Frequency
• Uses Tiny 1mm Tall Inductor
• Requires Only 0.22µF Output Capacitor
   
Applications
• Cellular Phones
• Digital Cameras
• LCD modules
• GPS Receivers
• PDAs, Handheld Computers
   




Similar Part No. - AP3029

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
AP3029KTR-E1 BCDSEMI-AP3029KTR-E1 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
AP3029KTTR-E1 BCDSEMI-AP3029KTTR-E1 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
More results


Similar Description - AP3029

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com