Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD4NC50 Datasheet (PDF) - STMicroelectronics

STD4NC50 Datasheet PDF - STMicroelectronics
Part # STD4NC50
Download  STD4NC50 Download
File Size   85.95 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 500V - 1.3 ohm - 3.7 A TO-251 PowerMESH MOSFET

STD4NC50 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD4NC50 Datasheet PDF - STMicroelectronics

Part # STD4NC50
Download  STD4NC50 Click to download

File Size   85.95 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 500V - 1.3 ohm - 3.7 A TO-251 PowerMESH MOSFET

STD4NC50 Datasheet (HTML) - STMicroelectronics


STD4NC50 Product details

Description
The PowerMESHII is the evolution of the first generation of MESH OVERLAY. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns switching speed, gate charge and ruggedness.

Features
■ TYPICAL RDS(on) = 1.3 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

Applications
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVER  INTERNAL SCHEMATIC DIAGRAM




Similar Part No. - STD4NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NC50 STMICROELECTRONICS-STD4NC50 Datasheet
190Kb / 9P
N-CHANNEL 500V - 1.3Ω- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
STD4NC50-1 STMICROELECTRONICS-STD4NC50-1 Datasheet
190Kb / 9P
N-CHANNEL 500V - 1.3Ω- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
N-CHANNEL 500V - 1.3Ω- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
More results


Similar Description - STD4NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
Aug-1998
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
STE38NB50 STMICROELECTRONICS-STE38NB50 Datasheet
280Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Jun-1998
STE38NB50F STMICROELECTRONICS-STE38NB50F Datasheet
89Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Dec-1999
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
May-2000
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
Apr-1999
STY34NB50 STMICROELECTRONICS-STY34NB50 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Jun-1998
STY34NB50F STMICROELECTRONICS-STY34NB50F Datasheet
87Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Dec-1999
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
N-CHANNEL 500V - 1.3Ω- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com