Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW14NB50 Datasheet (PDF) - STMicroelectronics

STW14NB50 Datasheet PDF - STMicroelectronics
Part # STW14NB50
Download  STW14NB50 Download
File Size   50.89 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET

STW14NB50 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW14NB50 Datasheet PDF - STMicroelectronics

Part # STW14NB50
Download  STW14NB50 Click to download

File Size   50.89 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET

STW14NB50 Datasheet (HTML) - STMicroelectronics


STW14NB50 Product details

N-CHANNEL 500V - 0.40 Ω - 14A - TO-247 PowerMESH™ MOSFET

Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 0.40 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ SWITCH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE




Similar Part No. - STW14NB50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW14NB50 ISC-STW14NB50 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW14NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
Jun-1998
STW20NB50 STMICROELECTRONICS-STW20NB50 Datasheet
86Kb / 8P
N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
Oct-1999
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh™ I MOSFET
May-2001
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
STMicroelectronics
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
May-2001
STW34NB20 STMICROELECTRONICS-STW34NB20_04 Datasheet
232Kb / 10P
N-CHANNEL 200V - 0.062 OHM - 34A TO-247 PowerMESH MOSFET
14-Apr-2004
logo
Alpha & Omega Semicondu...
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
500V, 14A N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com