Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW14NC50 Datasheet (PDF) - STMicroelectronics

STW14NC50 Datasheet PDF - STMicroelectronics
Part # STW14NC50
Download  STW14NC50 Download
File Size   266.34 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET

STW14NC50 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW14NC50 Datasheet PDF - STMicroelectronics

Part # STW14NC50
Download  STW14NC50 Click to download

File Size   266.34 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET

STW14NC50 Datasheet (HTML) - STMicroelectronics


STW14NC50 Product details

DESCRIPTION

The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the lead ing edge for what concerns switching speed, gate charge and ruggedness.



■ TYPICAL RDS(on) = 0.31Ω

■ EXTREMELY HIGH dv/dt CAPABILITY

■ 100% AVALANCHE TESTED

■ NEW HIGH VOLTAGE BENCHMARK

■ GATE CHARGE MINIMIZED



APPLICATIONS

■ SWITCH MODE POWER SUPPLIES (SMPS)

■ HIGH CURRENT, HIGH SPEED SWITCHING

■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE



 




Similar Part No. - STW14NC50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW14NC50 ISC-STW14NC50 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW14NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP250 STMICROELECTRONICS-IRFP250 Datasheet
255Kb / 8P
N-CHANNEL 200V - 0.073ohm - 33A TO-247 PowerMesh II MOSFET
Sep-2000
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
Apr-1999
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
Jun-1998
STW20NB50 STMICROELECTRONICS-STW20NB50 Datasheet
86Kb / 8P
N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
Oct-1999
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh™ I MOSFET
May-2001
logo
Alpha & Omega Semicondu...
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
500V, 14A N-Channel MOSFET
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
500V, 14A N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com