Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD5N20 Datasheet (PDF) - STMicroelectronics

STD5N20 Datasheet PDF - STMicroelectronics
Part # STD5N20
Download  STD5N20 Download
File Size   105.09 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.7ohm - 5A - TO-251/TO-252 POWER MOS TRANSISTOR

STD5N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD5N20 Datasheet PDF - STMicroelectronics

Part # STD5N20
Download  STD5N20 Click to download

File Size   105.09 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.7ohm - 5A - TO-251/TO-252 POWER MOS TRANSISTOR

STD5N20 Datasheet (HTML) - STMicroelectronics


STD5N20 Product details

N - CHANNEL 200V - 0.7Ω - 5A - TO-251/TO-252 POWER MOS TRANSISTOR
   
■ TYPICAL RDS(on) = 0.7 Ω
■ AVALANCHE RUGGED TECHNOLOGY
■ 100% AVALANCHE TESTED
■ REPETITIVE AVALANCHE DATA AT 100oC
■ LOW GATE CHARGE
■ HIGH CURRENT CAPABILITY
■ 150°C OPERATING TEMPERATURE
■ APPLICATION ORIENTED
    CHARACTERIZATION
■ THROUGH-HOLE IPAK (TO-251) POWER
    PACKAGE IN TUBE (SUFFIX ”-1”)
■ SURFACE-MOUNTING DPAK (TO-252)
    POWER PACKAGE IN TAPE & REEL
    (SUFFIX ”T4”)
   
APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SOLENOID AND RELAY DRIVERS
■ DC-DC CONVERTERS & DC-AC INVERTERS
■ TELECOMMUNICATION POWER SUPPLIES
    INDUSTRIAL MOTOR DRIVES
   




Similar Part No. - STD5N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5N20 STMICROELECTRONICS-STD5N20 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
logo
VBsemi Electronics Co.,...
STD5N20 VBSEMI-STD5N20 Datasheet
1Mb / 10P
N-Channel 200 V (D-S) MOSFET
logo
STMicroelectronics
STD5N20L STMICROELECTRONICS-STD5N20L Datasheet
273Kb / 10P
N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
20-Sep-2004
STD5N20LT4 STMICROELECTRONICS-STD5N20LT4 Datasheet
273Kb / 10P
N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
20-Sep-2004
logo
VBsemi Electronics Co.,...
STD5N20LT4 VBSEMI-STD5N20LT4 Datasheet
1Mb / 10P
N-Channel 200 V (D-S) MOSFET
More results


Similar Description - STD5N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NE10 STMICROELECTRONICS-STD5NE10 Datasheet
43Kb / 3P
N - CHANNEL 100V - 0.32 ohm - 5A TO-251/TO-252 STripFET] POWER MOSFET
May-1999
logo
Xian Semipower Electron...
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com