Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD5NB20 Datasheet (PDF) - STMicroelectronics

STD5NB20 Datasheet PDF - STMicroelectronics
Part # STD5NB20
Download  STD5NB20 Download
File Size   53.26 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.70ohm - 5A DPAK PowerMESHO MOSFET

STD5NB20 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD5NB20 Datasheet PDF - STMicroelectronics

Part # STD5NB20
Download  STD5NB20 Click to download

File Size   53.26 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.70ohm - 5A DPAK PowerMESHO MOSFET

STD5NB20 Datasheet (HTML) - STMicroelectronics


STD5NB20 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) =0.7 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
■ FOR TROUGH-HOLE VERSION CONTACT SALES OFFICE

APPLICATIONS
■ HIGH EFFICIENCY DC-DC CONVERTERS
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE




Similar Part No. - STD5NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NB30 STMICROELECTRONICS-STD5NB30 Datasheet
92Kb / 9P
N - CHANNEL 300V - 0.75 ohm - 5A - DPAK PowerMESH MOSFET
Aug-1999
More results


Similar Description - STD5NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
Feb-2000
STD5NB30 STMICROELECTRONICS-STD5NB30 Datasheet
92Kb / 9P
N - CHANNEL 300V - 0.75 ohm - 5A - DPAK PowerMESH MOSFET
Aug-1999
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
May-2000
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh™ I MOSFET
Mar-2001
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH™ MOSFET
Jul-2002
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
Jun-2003
logo
Intersil Corporation
JANSR2N7396 INTERSIL-JANSR2N7396 Datasheet
44Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
STMicroelectronics
STD5N20L STMICROELECTRONICS-STD5N20L Datasheet
273Kb / 10P
N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
20-Sep-2004
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com