Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD5NB30 Datasheet (PDF) - STMicroelectronics

STD5NB30 Datasheet PDF - STMicroelectronics
Part # STD5NB30
Download  STD5NB30 Download
File Size   92.67 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 300V - 0.75 ohm - 5A - DPAK PowerMESH MOSFET

STD5NB30 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD5NB30 Datasheet PDF - STMicroelectronics

Part # STD5NB30
Download  STD5NB30 Click to download

File Size   92.67 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 300V - 0.75 ohm - 5A - DPAK PowerMESH MOSFET

STD5NB30 Datasheet (HTML) - STMicroelectronics


STD5NB30 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 0.75 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
■ ADD SUFFIX ”T4” FOR ORDERING IN TAPE & REEL

APPLICATIONS
■ SWITCH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE




Similar Part No. - STD5NB30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NB20 STMICROELECTRONICS-STD5NB20 Datasheet
53Kb / 5P
N - CHANNEL 200V - 0.70ohm - 5A DPAK PowerMESHO MOSFET
Dec-1998
More results


Similar Description - STD5NB30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
STD2NB80 STMICROELECTRONICS-STD2NB80 Datasheet
92Kb / 9P
N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET
Jan-1999
STD3NB30 STMICROELECTRONICS-STD3NB30 Datasheet
85Kb / 8P
N - CHANNEL 300V - 1.8ohm - 3.2A - DPAK PowerMESH MOSFET
Jan-1999
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
Oct-1998
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh™ I MOSFET
Mar-2001
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1998
STGD5NB120SZ STMICROELECTRONICS-STGD5NB120SZ Datasheet
350Kb / 13P
N-CHANNEL 5A -1200V DPAK/IPAK INTERNALLY CLAMPED PowerMESH IGBT
18-Jan-2005
logo
MagnaChip Semiconductor...
MMD60R750P MGCHIP-MMD60R750P Datasheet
1Mb / 10P
600V 0.75(ohm) N-channel MOSFET
MMD70R750P MGCHIP-MMD70R750P Datasheet
1Mb / 10P
700V 0.75(ohm) N-channel MOSFET
MMF60R750P MGCHIP-MMF60R750P Datasheet
1Mb / 10P
600V 0.75(ohm) N-channel MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com