Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430DB Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430DB Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # CC2430DB
Download  CC2430DB Download
File Size   1860.0 Kbytes
Page   212 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee

CC2430DB Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2430DB Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430DB
Download  CC2430DB Click to download

File Size   1860.0 Kbytes
Page   212 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee

CC2430DB Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


CC2430DB Product details

Product Description
The CC2430 comes in three different flash versions: CC2430F32/64/128, with 32/64/128 KB of flash memory respectively. The CC2430 is a true System-on-Chip (SoC) solution specifically tailored for IEEE 802.15.4 and ZigBee® applications. It enables ZigBee® nodes to be built with very low total bill-of-material costs. The CC2430 combines the excellent performance of the leading CC2420 RF transceiver with an industry-standard enhanced 8051 MCU, 32/64/128 KB flash memory, 8 KB RAM and many other powerful features. Combined with the industry leading ZigBee® protocol stack (Z-Stack™) from Texas Instruments, the CC2430 provides the market’s most competitive ZigBee® solution.

Key Features
• RF/Layout
    o 2.4 GHz IEEE 802.15.4 compliant RF transceiver (industry leading CC2420 radio core)
    o Excellent receiver sensitivity and robustness to interferers
    o Very few external components
    o Only a single crystal needed for mesh network systems
    o RoHS compliant 7x7mm QLP48 package
• Low Power
    o Low current consumption (RX: 27 mA, TX: 27 mA, microcontroller running at 32 MHz)
    o Only 0.5 µA current consumption in powerdown mode, where external interrupts or the RTC can wake up the system
    o 0.3 µA current consumption in stand-by mode, where external interrupts can wake up the system
    o Very fast transition times from low-power modes to active mode enables ultra low average power consumption in low dutycycle systems
    o Wide supply voltage range (2.0V - 3.6V)
• Microcontroller
    o High performance and low power 8051 microcontroller core
    o 32, 64 or 128 KB in-system programmable flash
    o 8 KB RAM, 4 KB with data retention in all power modes
    o Powerful DMA functionality
    o Watchdog timer
    o One IEEE 802.15.4 MAC timer, one general 16-bit timer and two 8-bit timers
    o Hardware debug support
• Peripherals
    o CSMA/CA hardware support.
    o Digital RSSI / LQI support
    o Battery monitor and temperature sensor
    o 12-bit ADC with up to eight inputs and configurable resolution
    o AES security coprocessor
    o Two powerful USARTs with support for several serial protocols
    o 21 general I/O pins, two with 20mA sink/source capability
• Development tools
    o Powerful and flexible development tools available

Applications
• 2.4 GHz IEEE 802.15.4 systems
• ZigBee® systems
• Home/building automation
• Industrial Control and Monitoring
• Low power wireless sensor networks
• PC peripherals
• Set-top boxes and remote controls
• Consumer Electronics




Similar Part No. - CC2430DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430DK TI-CC2430DK Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Similar Description - CC2430DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com