Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430DB Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430DB
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430DB Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430DB Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 212 page
background image
CC2430
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 9 of 211
4
Features Emphasized
4.1
High-Performance
and
Low-Power
8051-Compatible Microcontroller
• Optimized 8051 core, which typically
gives 8x the performance of a standard
8051
• Dual data pointers
• In-circuit
interactive
debugging
is
supported
for
the
IAR
Embedded
Workbench through a simple two-wire
serial interface
4.2
Up to 128 KB Non-volatile Program
Memory and 2 x 4 KB Data Memory
•
32/64/128 KB of non-volatile flash
memory
in-system
programmable
through a simple two-wire interface or by
the 8051 core
•
Worst-case flash memory endurance:
1000 write/erase cycles
•
Programmable read and write lock of
portions of Flash memory for software
security
•
4096 bytes of internal SRAM with data
retention in all power modes
•
Additional 4096 bytes of internal SRAM
with data retention in power modes 0
and 1
4.3
Hardware AES Encryption/Decryption
•
AES supported in hardware coprocessor
4.4
Peripheral Features
•
Powerful DMA Controller
•
Power On Reset/Brown-Out Detection
•
Eight channel ADC with configurable
resolution
•
Programmable watchdog timer
•
Real time clock with 32.768 kHz crystal
oscillator
•
Four timers: one general 16-bit timer,
two general 8-bit timers, one MAC timer
•
Two
programmable
USARTs
for
master/slave SPI or UART operation
•
21 configurable general-purpose digital
I/O-pins
•
True random number generator
4.5
Low Power
•
Four flexible power modes for reduced
power consumption
•
System can wake up on external
interrupt or real-time counter event
•
Low-power fully static CMOS design
•
System clock source can be 16 MHz RC
oscillator or 32 MHz crystal oscillator.
The 32 MHz oscillator is used when
radio is active
•
Optional clock source for ultra-low power
operation can be either low-power RC
oscillator or an optional 32.768 kHz
crystal oscillator
4.6
IEEE 802.15.4 MAC hardware support
•
Automatic preamble generator
•
Synchronization word insertion/detection
•
CRC-16 computation and checking over
the MAC payload
•
Clear Channel Assessment
•
Energy detection / digital RSSI
•
Link Quality Indication
•
CSMA/CA Coprocessor
4.7
Integrated 2.4GHz DSSS Digital Radio
•
2.4 GHz IEEE 802.15.4 compliant RF
transceiver (based on industry leading
CC2420 radio core).
•
Excellent
receiver
sensitivity
and
robustness to interferers
•
250 kbps data rate, 2 MChip/s chip rate
•
Reference
designs
comply
with
worldwide radio frequency regulations
covered by ETSI EN 300 328 and EN
300 440 class 2 (Europe), FCC CFR47
Part 15 (US) and ARIB STD-T66
(Japan). Transmit on 2480MHz under
FCC is supported by duty-cycling, or by
reducing output power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com