Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430DB Datasheet(PDF) 70 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430DB
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430DB Datasheet(HTML) 70 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430DB Datasheet HTML 66Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 67Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 68Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 69Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 70Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 71Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 72Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 73Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 74Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 212 page
background image
CC2430
Peripherals : Power Management and clocks
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 70 of 211
therefore the calibration may be disabled by
setting register bit SLEEP.OSC32K_CALDIS
to 1. Note that any ongoing calibration will be
completed
when
a
1
is
written
to
SLEEP.OSC32K_CALDIS.
13.1.4.4
Oscillator and Clock Registers
This section describes the Oscillator and Clock
registers. All register bits retain their previous
values when entering PM2 or PM3 unless
otherwise stated.
CLKCON (0xC6) – Clock Control
Bit
Name
Reset
R/W
Description
7
OSC32K
1
R/W
32 kHz clock oscillator select. The 16 MHz high frequency RC
oscillator must be selected as system clock source when this bit is
to be changed.
0 – 32.768 kHz crystal oscillator
1 – 32 kHz RC oscillator
Note: this bit is not retained in PM2 and PM3. After re-entry to PM0
from PM2 or PM3 this bit will be at the reset value 1.
6
OSC
1
R/W
System clock oscillator select:
0 – 32 MHz crystal oscillator
1 – 16 MHz high frequency RC oscillator
This setting will only take effect when the selected oscillator is
powered up and stable. If the XOSC oscillator is not powered up, it
should be enabled by SLEEP.OSC_PD bit prior to selecting it as
souorce. Note that there is an additional wait time (64 µs) from
SLEEP.XOSC_STB
set until XOSC can be selected as source. If
RC osc is to be the source and it is powered down, setting this bit
will turn it on.
5:3
TICKSPD[2:0]
001
R/W
Timer ticks output setting, can not be higher than system clock
setting given by OSC bit setting
000 – 32 MHz
001 – 16 MHz
010 – 8 MHz
011 – 4 MHz
100 – 2 MHz
101 – 1 MHz
110 – 500 kHz
111 – 250 kHz
2:1
-
00
R
Reserved.
0
CLKSPD
1
R
Clock Speed. Indicates current system clock frequency. The value
of this bit is set by the OSC bit setting
0 – 32 MHz
1 – 16 MHz
This bit is updated when clock source selected with the OSC is
stable
13.1.5
Timer Tick generation
The power management controller generates
a tick or enable signal for the peripheral
timers, thus acting as a prescaler for the
timers. This is a global clock division for Timer
1, Timer 3 and Timer 4. The tick speed is
programmed from 0.25 MHz to 32 MHz in the
CLKCON.TICKSPD
register. It should be noted
that TICKSPD must not be set to a higher
frequency than system clock.
13.1.6
Data Retention
In power modes PM2 and PM3, power is
removed from most of the internal circuitry.
However parts of SRAM will retain its
contents. The content of internal registers is
also retained in PM2 and PM3.
The
XDATA
memory
locations
0xF000-
0xFFFF (4096 bytes) retains data in PM2 and
PM3. Please note the exception as given
below.
The XDATA memory locations 0xE000-
0xEFFF (4096 bytes) and the area 0xFD56-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com