Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C51U2 Datasheet (PDF) - TEMIC Semiconductors

TS80C51U2 Datasheet PDF - TEMIC Semiconductors
Part # TS80C51U2
Download  TS80C51U2 Download
File Size   316.17 Kbytes
Page   67 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Double UART 8-bit CMOS Microcontroller, 0-60 MHz

TS80C51U2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS80C51U2 Datasheet PDF - TEMIC Semiconductors

Part # TS80C51U2
Download  TS80C51U2 Click to download

File Size   316.17 Kbytes
Page   67 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Double UART 8-bit CMOS Microcontroller, 0-60 MHz

TS80C51U2 Datasheet (HTML) - TEMIC Semiconductors


TS80C51U2 Product details

Description
TEMIC TS80C51U2 is high performance CMOS ROM, OTP and EPROM versions of the 80C51 CMOS single chip 8-bit microcontroller.
The TS80C51U2 retains all features of the TEMIC 80C51 with extended ROM/EPROM capacity (16 Kbytes), 256 bytes of internal RAM, a 7-source , 4-level interrupt system, an on-chip oscilator and three timer/ counters.
In addition, the TS80C51U2 has a second UART, enhanced functions on both UART, enhanced timer 2, a hardware watchdog timer, a dual data pointer, a baud rate generator and a X2 speed improvement mechanism. The fully static design of the TS80C51U2 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data.
The TS80C51U2 has 2 software-selectable modes of reduced activity for further reduction in power consumption. In the idle mode the CPU is frozen while the timers, the serial port and the interrupt system are still operating. In the power-down mode the RAM is saved and all other functions are inoperative.

Features
● 80C52 Compatible
   • 8051 pin and instruction compatible
   • Four 8-bit I/O ports
   • Three 16-bit timer/counters
   • 256 bytes scratchpad RAM
● High-Speed Architecture
   • 40 MHz @ 5V, 30MHz @ 3V
   • X2 Speed Improvement capability (6 clocks/machine cycle)
      30 MHz @ 5V, 20 MHz @ 3V (Equivalent to
      60 MHz @ 5V, 40 MHz @ 3V)
● second UART
● Baud Rate Generator
● Dual Data Pointer
● On-chip ROM/EPROM (16K-bytes)
● Programmable Clock Out and Up/Down Timer/ Counter 2
● Hardware Watchdog Timer (One-time enabled with Reset-Out)
● Asynchronous port reset
● Interrupt Structure with
   • 7 Interrupt sources
   • 4 level priority interrupt system
● Full duplex Enhanced UARTs
   • Framing error detection
   • Automatic address recognition
● Low EMI (inhibit ALE)
● Power Control modes
   • Idle mode
   • Power-down mode
   • Power-off Flag
● Once mode (On-chip Emulation)
● Power supply: 4.5-5.5V, 2.7-5.5V
● Temperature ranges: Commercial (0 to 70oC) and Industrial (-40 to 85oC)
● Packages: PDIL40, PLCC44, VQFP44 1.4, CQPJ44 (window), CDIL40 (window)




Similar Part No. - TS80C51U2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C51U2 ATMEL-TS80C51U2 Datasheet
1,009Kb / 67P
Double UART 8-bit CMOS Microcontroller
More results


Similar Description - TS80C51U2

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
8-bit CMOS Microcontroller 0-60 MHz
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51U2 ATMEL-TS80C51U2 Datasheet
1,009Kb / 67P
Double UART 8-bit CMOS Microcontroller
logo
TEMIC Semiconductors
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
8-bit CMOS Microcontroller 0-60 MHz
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com